Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709203F Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC709203F
Description  Smart LiB Gauge Battery Fuel Gauge LSI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203F Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC709203F Datasheet HTML 2Page - ON Semiconductor LC709203F Datasheet HTML 3Page - ON Semiconductor LC709203F Datasheet HTML 4Page - ON Semiconductor LC709203F Datasheet HTML 5Page - ON Semiconductor LC709203F Datasheet HTML 6Page - ON Semiconductor LC709203F Datasheet HTML 7Page - ON Semiconductor LC709203F Datasheet HTML 8Page - ON Semiconductor LC709203F Datasheet HTML 9Page - ON Semiconductor LC709203F Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LC709203F
www.onsemi.com
6
Table 4. Electrical Characteristics at Ta = 40 to +85C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Unit
VDD [V]
min
typ
max
High level input
current
IIH (1)
SDA, SCL
VIN = VDD
(including output transistor off
leakage current)
2.5 to 4.5
1
A
Low level input
current
IIL (1)
SDA, SCL
VIN = VSS
(including output transistor off
leakage current)
2.5 to 4.5
1
High level output
voltage
VOH (1)
TSW
IOH = 0.4 mA
3.0 to 4.5
VDD0.4
V
VOH (2)
IOH = 0.2 mA
2.5 to 4.5
VDD0.4
Low level output
voltage
VOL (1)
TSW,
ALARMB,
SDA, SCL
IOL = 3.0 mA
3.0 to 4.5
0.4
VOL (2)
IOL = 1.3 mA
2.5 to 4.5
0.4
Hysteresis
voltage
VHYS(1)
SDA, SCL
2.5 to 4.5
0.1VDD
Pin capacitance
CP
All pins
Pins other than the pin under test
VIN = VSS
Ta = 25
C
2.5 to 4.5
10
pF
Reset Release
Voltage(Note 2)
VRR
VDD
2.4
V
Initialization
Time after Reset
release(Note 2)
TINIT
2.4 to 4.5
90
ms
Auto sleep set
time
TATS
2.4 to 4.5
1
1.2
s
Time
measurement
accuracy
TME
Ta =
20C to +70C
2.5 to 4.5
3.5
+3.5
%
Consumption
current
(Note 3)
IDD (1)
VDD
Operational mode
2.5 to 4.5
3
4.5
A
IDD (2)
Sleep mode
2.5 to 4.5
1
2
Voltage
measurement
accuracy
VME (1)
VDD
Ta = +25
C
3.6
7.5
+7.5
mV/cell
VME (2)
Ta =
20C to +70C
2.5 to 4.5
20
+20
Note 2: Once VDD voltage exceeds over the VRR, this LSI will release RESET status. And the LSI goes into Sleep mode TINIT after it.
Note 3: Consumption current is a value in the range of
20C to +70C.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LC709203F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-01TWG ONSEMI-LC709203FQH-01TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-02TWG ONSEMI-LC709203FQH-02TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-03TWG ONSEMI-LC709203FQH-03TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-04TWG ONSEMI-LC709203FQH-04TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
More results

Similar Description - LC709203F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com