Electronic Components Datasheet Search |
|
LB11852FV-TLM-H Datasheet(PDF) 12 Page - ON Semiconductor |
|
LB11852FV-TLM-H Datasheet(HTML) 12 Page - ON Semiconductor |
12 / 12 page LB11852FV PS No.A1112-12/12 〈C pin〉 In order to connect a capacitor capable of smoothing the pin voltage to the C pin, the correlation given in the following equation must be satisfied when f (Hz) serves as the input frequency of the CTL pin. (R is incorporated inside the IC, and it is 180k Ω (typ.).) 1/f = t < CR The higher the capacitance of the capacitor, the slower the response to changes in the input signals. ORDERING INFORMATION Device Package Shipping (Qty / Packing) LB11852FV-TLM-H SSOP20J (225mil) (Pb-Free / Halogen Free) 2000 / Tape & Reel LB11852FV-TLM-E SSOP20J (225mil) (Pb-Free / Halogen Free) 2000 / Tape & Reel LB11852FV-MPB-E SSOP20J (225mil) (Pb-Free / Halogen Free) 90 / Fan-Fold LB11852FV-MPB-H SSOP20J (225mil) (Pb-Free / Halogen Free) 90 / Fan-Fold CTL circuit VREF circuit 5VREF 1/f = t < CR 180k Ω CTL pin A capacitor capable of the smoothing pin voltage is connected here C pin Inverted waveform of CTL pin input (same frequency) ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. |
Similar Part No. - LB11852FV-TLM-H |
|
Similar Description - LB11852FV-TLM-H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |