Electronic Components Datasheet Search |
|
ADV7181 Datasheet(PDF) 74 Page - Analog Devices |
|
ADV7181 Datasheet(HTML) 74 Page - Analog Devices |
74 / 96 page ADV7181B Rev. 0 | Page 74 of 96 Bits Subaddress Register Bit Description 7 6 5 4 3 210 Comments Notes 0x0F Power Management Reserved 0 0 Set to default 0 Chip power-down controlled by pin PDBP. Power-down bit priority selects between PWRDN bit or PIN. 1 Bit has priority (pin disregarded) Reserved 0 0 Set to default 0 System functional PWRDN. Power-down places the decoder in a full power-down mode. 1 Powered down See PDBP, 0x0F Bit 2. Reserved 0 Set to default 0 Normal operation RES. Chip reset loads all I2C bits with default values. 1 Start reset sequence Executing reset takes approx. 2 ms. This bit is self- clearing. 0x10 IN_LOCK x In lock (right now) = 1 LOST_LOCK x Lost lock (since last read) = 1 Status Register 1. Read-Only FSC_LOCK x Fsc lock (right now) = 1 FOLLOW_PW x Peak white AGC mode active = 1 Provides information about the internal status of the decoder. 0 0 0 NTSM-MJ 0 0 1 NTSC-443 0 1 0 PAL-M 0 1 1 PAL-60 1 0 0 PAL-BGHID 1 0 1 SECAM 1 1 0 PAL combination N AD_RESULT[2:0]. Autodetection result reports the standard of the Input video. 1 1 1 SECAM 525 Detected standard. COL_KILL. x Color kill is active = 1 Color Kill. 0x11 IDENT Read-Only IDENT[7:0] Provides identification on the revision of the part. x x x x x x x x ADV7181B = 0x13 0x12 MVCS DET x MV color striping detected 1 = Detected MVCS T3 x MV color striping type 0 = Type 2, 1 = Type 3 MV PS DET x MV pseudo sync detected 1 = Detected MV AGC DET x MV AGC pulses detected 1 = Detected LL NSTD x Nonstandard line length 1 = Detected FSC NSTD x Fsc frequency nonstandard 1 = Detected Status Register 2. Read-Only. Reserved x x 0x13 INST_HLOCK x 1 = horizontal lock achieved Unfiltered GEMD x 1 = Gemstar data detected SD_OP_50HZ x SD 60 Hz detected Reserved x SD 50 Hz detected SD Field rate detect FREE_RUN_ACT x 1 = Free-run mode active Blue screen output STD FLD_LEN x 1 = Field length standard Correct Field length found INTERLACED x 1 = Interlaced video detected Field sequence found Status Register 3. Read-Only. PAL_SW_LOCK x 1 = Swinging burst detected Reliable swinging burst sequence Reserved 0 0 1 0 Set to default. 0 Current sources switched off CCLEN. Current clamp enable allows the user to switch off the current sources in the analog front. 1 Current sources enabled 0x14 Analog Clamp Control Reserved 0 0 0 Set to default |
Similar Part No. - ADV7181 |
|
Similar Description - ADV7181 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |