Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA-053R3D1LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BA-053R3D1LF
Description  0.5~1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-053R3D1LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BA-053R3D1LF Datasheet HTML 1Page - Bothhand USA, LP. BA-053R3D1LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA LF Series
0.5~1W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com
12
Features:
Input Filter With Internal Capacitor
Input / Output Isolation 1K Vdc
Low Ripple And Noise
100% Burn-In
Un-Regulated type
Net Weight : 1.4 g / 1.8 g Typical
4 Pin SIL / 8 Pin DIL Package
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 0.5 W Single Output SIL Package Style
BA-053R3S LF
3.3
150
28
133
50
± 12
74
BA-0505S LF
5
100
28
135
60
± 10
74
BA-0512S LF
5
12
42
28
133
100
± 8
76
BA-1205S LF
5
100
18
56
60
± 8
74
BA-1212S LF
12
12
42
18
55
100
± 8
76
BA-2405S LF
24
5
100
5
29
60
± 8
72
2) 1.0 W Single Output SIL Package Style
BA-053R3S1 LF
3.3
300
30
267
50
± 10
74
BA-0505S1 LF
5
200
30
253
60
± 8
79
BA-0512S1 LF
5
12
100
30
307
100
± 8
78
BA-1205S1 LF
5
200
14
105
60
± 8
79
BA-1212S1 LF
12
12
84
14
105
100
± 8
79
BA-2405S1 LF
24
5
200
5
54
60
± 8
77
Mechanical Dimensions(1/2):
Single Output SIL Package Style
Printed
Face
3.05
(0.12)
0.25
(0.01)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
0.50
(0.02)
11.68
(0.46)
9.65
(0.38)
1.25
(0.05)
6.00
(0.24)
Min.
10.50
(0.41)
6.50
(0.26)
5.00
(0.20)
8.50
(0.33)
BA-0505S1 LF
Pb
Pin
1K Vdc - Single
1
-Vin
2
+Vin
3
-Vo
4
+Vo


Similar Part No. - BA-053R3D1LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-053R3D1 BOTHHAND-BA-053R3D1 Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
More results

Similar Description - BA-053R3D1LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com