Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD-2412S4LF Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # BD-2412S4LF
Description  2 To 6 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-2412S4LF Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BD-2412S4LF Datasheet HTML 1Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 2Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 3Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 4Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 5Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD LF - Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
Page
4
of
6
6 . Ordering Information
7 . Power Derating Curve
8 . Efficiency & Output Load Chart
Vout= 5 Vdc
Vout= 12 Vdc
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
"S" For Single Output
BD-xxxxSxHM LF
Device Family
Input Voltage
RoHS Converter Certified By SGS
Output Power
Output Voltage
Suffix "M" For Metal Case
Suffix "H" For Isolation Voltage 3KVdc
Nothing For Isolation Voltage 1KVdc
(
)
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - BD-2412S4LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BD-2412S4 BOTHHAND-BD-2412S4 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results

Similar Description - BD-2412S4LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com