Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4447A-BAB Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # E4447A-BAB
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4447A-BAB Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  E4447A-BAB Datasheet HTML 1Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 2Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 3Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4447A-BAB Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2
Table of Contents
Definitions and Conditions . . . . . . 3
Frequency Specifications . . . . . . . 4
Frequency range . . . . . . . . . . . . . . . . 4
Frequency reference . . . . . . . . . . . . . 4
Frequency readout accuracy . . . . . . 4
Marker frequency counter . . . . . . . . 4
Frequency span . . . . . . . . . . . . . . . . . 4
Sweep time and triggering . . . . . . . . 5
Sweep (trace) point range . . . . . . . . 5
Gated sweep . . . . . . . . . . . . . . . . . . . 5
Gated FFT . . . . . . . . . . . . . . . . . . . . . 5
Resolution bandwidth (RBW) . . . . . 5
Analysis bandwidth . . . . . . . . . . . . . 6
Video bandwidth (VBW) . . . . . . . . . . 6
Stability . . . . . . . . . . . . . . . . . . . . . . . 6
Amplitude Specifications . . . . . . . 7
Amplitude range . . . . . . . . . . . . . . . . 7
Maximum safe input level . . . . . . . . 7
1 dB gain compression (two tone) . 7
Typical gain compression (two tone). . 7
Displayed average noise level (DANL) . . 8
Display range . . . . . . . . . . . . . . . . . 10
Frequency response . . . . . . . . . . . . 10
Input attenuation switching
uncertainty . . . . . . . . . . . . . . . . . . . 10
Total absolute amplitude accuracy 10
Input voltage standing wave ratio
(VSWR) . . . . . . . . . . . . . . . . . . . . . . 11
Resolution bandwidth switching
uncertainty . . . . . . . . . . . . . . . . . . . 11
Reference level . . . . . . . . . . . . . . . . 11
Display scale switching uncertainty . . .11
Display scale fidelity . . . . . . . . . . . . 11
Spurious response . . . . . . . . . . . . . 11
Second harmonic distortion (SHI) . .12
Third-order intermodulation
distortion (TOI) . . . . . . . . . . . . . . . . 12
Residual responses . . . . . . . . . . . . . 14
Trace detectors . . . . . . . . . . . . . . . . 14
EMI detectors . . . . . . . . . . . . . . . . . 14
Option E444xA-1DS, preamplifier . . .14
Option E444xA-110, preamplifier . . 14
Measurement speed . . . . . . . . . . . . 14
Option AYZ, external mixing . . . . . . 15
Option 123, preselector bypass. . . . 15
Power Suite Measurement
Specifications. . . . . . . . . . . . . . . . 16
Channel power . . . . . . . . . . . . . . . . 16
Occupied bandwidth . . . . . . . . . . . . 16
Adjacent channel power . . . . . . . . 16
Multi-carrier power and ACP . . . . . 16
Power statistics CCDF . . . . . . . . . . 16
Harmonic distortion . . . . . . . . . . . . 16
Intermod (TOI) . . . . . . . . . . . . . . . . . 16
Burst power . . . . . . . . . . . . . . . . . . . 16
Spurious emission . . . . . . . . . . . . . 17
Spectrum emission mask (SEM) . . 17
General Specifications. . . . . . . . . 18
Temperature range . . . . . . . . . . . . . 18
EMI compatibility . . . . . . . . . . . . . . 18
Audio noise . . . . . . . . . . . . . . . . . . . 18
Military specification . . . . . . . . . . . 18
Power requirements . . . . . . . . . . . . 18
Weight . . . . . . . . . . . . . . . . . . . . . . . 18
Dimensions . . . . . . . . . . . . . . . . . . . 18
Warranty . . . . . . . . . . . . . . . . . . . . . 18
Calibration cycle . . . . . . . . . . . . . . . 18
Input and Outputs. . . . . . . . . . . . . 19
Front panel . . . . . . . . . . . . . . . . . . . 19
Rear panel . . . . . . . . . . . . . . . . . . . . 19
PSA Series Ordering Information 21
PSA Series spectrum analyzer . . . . 21
Options . . . . . . . . . . . . . . . . . . . . . . 21
Related Literature . . . . . . . . . . . . 23
Support, Services, and
Assistance . . . . . . . . . . . . . . . . . . 24


Similar Part No. - E4447A-BAB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4447A HP-E4447A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4447A-BAB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com