Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4440A-BAB Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # E4440A-BAB
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4440A-BAB Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button E4440A-BAB Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4440A-BAB Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
7
Amplitude Specifications
Amplitude range
Measurement range
Displayed average noise level (DANL) to maximum safe input level
Input attenuator range (3 Hz to 50 GHz)
0 to 70 dB in 2 dB steps
Maximum safe input level
Average total power
+30 dBm (1 W)
Preamp (Option E444xA-1DS)
+30 dBm
Preamp (Option E444xA-110)
+23 dBm
Peak pulse power
< 10 µs pulse width, < 1% duty cycle and input attenuation ≥ 30 dB
+50 dBm (100 W)
DC volts
DC coupled < ±0.2 Vdc
AC coupled (E4443A, E4445A, E4440A only)
±100 Vdc
1 dB gain compression (two-tone)
Total power at input mixer
20 MHz to 200 MHz
0 dBm
+3 dBm nominal
200 MHz to 3 GHz
+3 dBm
+7 dBm nominal
3 GHz to 6.6 GHz
+3 dBm
+4 dBm nominal
6.6 GHz to 26.5 GHz
–2 dBm
0 dBm nominal
26.5 GHz to 50 GHz
0 dBm nominal
Preamp on (Option E444xA-1DS)
10 MHz to 200 MHz
–30 dBm nominal
200 MHz to 3 GHz
–25 dBm nominal
Preamp on (Option E444xA-110)
10 MHz to 200 MHz
–24 dBm nominal
200 MHz to 3 GHz
–20 dBm nominal
3.0 GHz to 6.6 GHz
–23 dBm nominal
6.6 GHz to 30 GHz
–27 dBm nominal
30 GHz to 50 GHz
–24 dBm nominal
Typical gain compression (two-tone)
Mixer level
Compression
20 MHz to 200 MHz
0 dBm
< 0.5 dB
200 MHz to 6.6 GHz
+3 dBm
< 0.5 dB
6.6 GHz to 26.5 GHz
–2 dBm
< 0.4 dB


Similar Part No. - E4440A-BAB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4440A HP-E4440A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4440A-BAB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com