Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4440A-AYZ Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # E4440A-AYZ
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4440A-AYZ Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button E4440A-AYZ Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 12Page - Agilent(Hewlett-Packard) E4440A-AYZ Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
8
Amplitude Specifications (continued)
Displayed average noise level (DANL)
(Input terminated, sample or average detector, averaging type = Log, 20 to 30 °C)
Zero span and swept
normalized to 1 Hz
RBW and 0 dB
attenuation
Zero span and swept
normalized to 1 Hz
RBW 0 dB
attenuation (typical)
FFT only actual 1 Hz
RBW 0 dB attenuation
E4443A/E4445A/E4440A
3 Hz to 1 kHz
–110 dBm nominal
1 kHz to 10 kHz
–130 dBm nominal
10 kHz to 100 kHz
–137 dBm
–141 dBm
–137 dBm
100 kHz to 1 MHz
–145 dBm
–149 dBm
–145 dBm
1 MHz to 10 MHz
–150 dBm
–153 dBm
–150 dBm
10 MHz to 1.2 GHz
–154 dBm
–155 dBm
–154 dBm
1.2 GHz to 2.1 GHz
–153 dBm
–154 dBm
–153 dBm
2.1 GHz to 3.0 GHz
–152 dBm
–153 dBm
–152 dBm
3 GHz to 6.6 GHz
–152 dBm
–153 dBm
–151 dBm
6.6 GHz to 13.2 GHz
–150 dBm
–152 dBm
–149 dBm
13.2 GHz to 20 GHz
–147 dBm
–149 dBm
–146 dBm
20 GHz to 26.5 GHz
–143 dBm
–145 dBm
–143 dBm
Preamp ON (Option 1DS)
100 kHz to 200 kHz
–159 dBm
–162 dBm
–158 dBm
200 kHz to 500 kHz
–159 dBm
–162 dBm
–158 dBm
500 kHz to 1 MHz
–163 dBm
–165 dBm
–162 dBm
1 MHz to 10 MHz
–166 dBm
–168 dBm
–165 dBm
10 MHz to 500 MHz
–169 dBm
–170 dBm
–168 dBm
500 MHz to 1.1 GHz
–168 dBm
–169 dBm
–167 dBm
1.1 GHz to 2.1 GHz
–167 dBm
–168 dBm
–166 dBm
2.1 GHz to 3.0 GHz
–165 dBm
–166 dBm
–165 dBm
Preamp ON (Option 110)
10 to 50 MHz
–148 dBm
–154 dBm
–148 dBm
50 to 500 MHz
–153 dBm
–164 dBm
–153 dBm
500 MHz to 2.1 GHz
–166 dBm
–168 dBm
–166 dBm
2.1 to 3 GHz
–166 dBm
–168 dBm
–166 dBm
3 to 6.6 GHz
–165 dBm
–166 dBm
–165 dBm
6.6 to 13.2 GHz
–163 dBm
–165 dBm
–163 dBm
13.2 to 16 GHz
–162 dBm
–165 dBm
–162 dBm
16 to 19 GHz
–162 dBm
–164 dBm
–162 dBm
19 to 26.5 GHz
–159 dBm
–161 dBm
–159 dBm


Similar Part No. - E4440A-AYZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4440A HP-E4440A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4440A-AYZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com