Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4445A-124 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # E4445A-124
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4445A-124 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  E4445A-124 Datasheet HTML 1Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 2Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4445A-124 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
4
Frequency Specifications
Frequency range
E4443A
(DC coupled)
3 Hz to 6.7 GHz
(AC coupled)
20 MHz to 6.7 GHz
E4445A
(DC coupled)
3 Hz to 13.2 GHz
(AC coupled)
20 MHz to 13.2 GHz
E4440A
(DC coupled)
3 Hz to 26.5 GHz1
(AC coupled)
20 MHz to 26.5 GHz1
E4447A
(DC coupled)
3 Hz to 42.98 GHz
E4446A
(DC coupled)
3 Hz to 44 GHz1
E4448A
(DC coupled)
3 Hz to 50 GHz1
1. 325 GHz with external mixers
Band
Harmonic mixing mode (N)
0
1–
3 Hz to 3 GHz
1
1–
2.85 GHz to 6.6 GHz
2
2–
6.2 GHz to 13.2 GHz
3
4–
12.8 GHz to 19.2 GHz
4
4–
18.7 GHz to 26.8 GHz
5
4+
26.4 GHz to 31.15 GHz
6
8–
31.0 GHz to 50.0 GHz
Frequency reference
Accuracy
±[(time since last adjustment x aging rate) + temperature stability + calibration accuracy]
Aging rate
± 1 x 10–7 / year
Temperature stability
20 °C to 30 °C ±1 x 10–8
0 °C to 55 °C ±5 x 10–8
Achievable initial calibration accuracy
±7 x 10–8
Example frequency reference accuracy
1 year after last adjustment
= ±(1 x 1 x 10–7 + 1 x 10–8 + 7 x 10–8)
= ±1.8 x 10–7
Frequency readout accuracy (start, stop, center, marker)
± (marker frequency x frequency reference accuracy + 0.25% x span + 5% x RBW + 2 Hz + 0.5 x horizontal resolution*)
* Horizontal resolution is span/(sweep points – 1)
Marker frequency counter
Accuracy
±(marker frequency x frequency reference accuracy + 0.100 Hz)
Delta counter accuracy
±(delta frequency x frequency reference accuracy + 0.141 Hz)
Counter resolution
0.001 Hz
Frequency span (FFT and swept mode)
Range
0 Hz (zero span), 10 Hz to maximum frequency of model
Resolution
2 Hz
Accuracy
±[0.2% x span + span / (sweep points – 1)]


Similar Part No. - E4445A-124

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4445A HP-E4445A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4445A-124

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com