Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1502VM8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ACE1502VM8X
Description  Arithmetic Controller Engine for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1502VM8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ACE1502VM8X Datasheet HTML 1Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1502VM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
www.fairchildsemi.com
ACE1502 Product Family Rev. 1.7
ACE1502 AC Electrical Characteristics, Vcc = 1.8 to 3.6V
All measurements are valid for ambient operating temperature unless otherwise stated.
5. The maximum permissible frequency is guaranteed by design but is not 100% tested
6. The parameter is characterized but is not 100% tested, contact Fairchild for additional characterization data.
ACE1502 Electrical Characteristics for programming
All data valid at ambient temperature between 3.0V and 3.6V. The following characteristics are guaranteed
by design but are not 100% tested. See “EEPROM write time” in the AC Electrical Characteristics for
definition of the programming ready time.
ACE1502 Low Battery Detect (LBD) Characteristics, Vcc = 1.8 to 3.6V
ACE1502 Brown-out Reset (BOR) Characteristics, Vcc = 1.8 to 3.6V
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from internal clock -
setpoint
3.3V at +25°C
0.98
1.0
1.02
µs
Internal clock frequency variation
1.8V to 3.6V at constant temperature
1.2
%
1.8V to 3.6V at full temperature range (Note 6)
6
%
Crystal oscillator frequency
(Note 5)
25
MHz
External clock frequency
(Note 5)
8
MHz
EEPROM write time
5.5
10
ms
Internal clock start up time
(Note 6)
2
ms
Oscillator start up time
(Note 6)
2400
cycles
Parameter
Description
MIN
MAX
Units
tHI
CLOCK high time
500
DC
ns
tLO
CLOCK low time
500
DC
ns
tDIS
SHIFT_IN setup time
100
ns
tDIH
SHIFT_IN hold time
100
ns
tDOS
SHIFT_OUT setup time
100
ns
tDOH
SHIFT_OUT hold time
900
ns
TRESET
Power On Reset time
3.2
4.5
ms
tLOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
µs
Parameter
Conditions
MIN
TYP
MAX
Units
LBD voltage threshold variation
-40°C to +85°C
-5
+5
%
Parameter
Conditions
MIN
TYP
MAX
Units
BOR voltage threshold variation
-40°C to +85°C
1.72
1.83
1.92
V


Similar Part No. - ACE1502VM8X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE150212FM+H ACE-ACE150212FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150233FM+H ACE-ACE150233FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150250FM+H ACE-ACE150250FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1502ADJFM+H ACE-ACE1502ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Similar Description - ACE1502VM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com