Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9235BRU-20 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9235BRU-20
Description  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BRU-20 Datasheet(HTML) 1 Page - Analog Devices

  AD9235BRU-20 Datasheet HTML 1Page - Analog Devices AD9235BRU-20 Datasheet HTML 2Page - Analog Devices AD9235BRU-20 Datasheet HTML 3Page - Analog Devices AD9235BRU-20 Datasheet HTML 4Page - Analog Devices AD9235BRU-20 Datasheet HTML 5Page - Analog Devices AD9235BRU-20 Datasheet HTML 6Page - Analog Devices AD9235BRU-20 Datasheet HTML 7Page - Analog Devices AD9235BRU-20 Datasheet HTML 8Page - Analog Devices AD9235BRU-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
a
AD9235
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. B
FUNCTIONAL BLOCK DIAGRAM
SHA
VIN+
VIN–
REFT
REFB
A/D
4
DRVDD
A/D
3
8-STAGE
1 1/2-BIT PIPELINE
16
CLK
PDWN
MODE
CLOCK
DUTY CYCLE
STABLIZER
MODE
SELECT
DGND
OTR
D11
D0
AVDD
MDAC1
CORRECTION LOGIC
OUTPUT BUFFERS
12
REF
SELECT
AGND
0.5V
VREF
SENSE
AD9235
FEATURES
Single 3 V Supply Operation (2.7 V to 3.6 V)
SNR = 70 dBc to Nyquist at 65 MSPS
SFDR = 85 dBc to Nyquist at 65 MSPS
Low Power: 300 mW at 65 MSPS
Differential Input with 500 MHz Bandwidth
On-Chip Reference and SHA
DNL =
0.4 LSB
Flexible Analog Input: 1 V p-p to 2 V p-p Range
Offset Binary or Twos Complement Data Format
Clock Duty Cycle Stabilizer
APPLICATIONS
Ultrasound Equipment
IF Sampling in Communications Receivers:
IS-95, CDMA-One, IMT-2000
Battery-Powered Instruments
Hand-Held Scopemeters
Low Cost Digital Oscilloscopes
PRODUCT DESCRIPTION
The AD9235 is a family of monolithic, single 3 V supply, 12-bit,
20/40/65 MSPS analog-to-digital converters. This family
features a high performance sample-and-hold amplifier (SHA)
and voltage reference. The AD9235 uses a multistage differential
pipelined architecture with output error correction logic to provide
12-bit accuracy at 20/40/65 MSPS data rates and guarantee
no missing codes over the full operating temperature range.
The wide bandwidth, truly differential SHA allows a variety of
user-selectable input ranges and offsets including single-ended
applications. It is suitable for multiplexed systems that switch
full-scale voltage levels in successive channels and for sampling
single-channel inputs at frequencies well beyond the Nyquist rate.
Combined with power and cost savings over previously available
analog-to-digital converters, the AD9235 is suitable for applica-
tions in communications, imaging, and medical ultrasound.
A single-ended clock input is used to control all internal conversion
cycles. A duty cycle stabilizer (DCS) compensates for wide
variations in the clock duty cycle while maintaining excellent
overall ADC performance. The digital output data is presented
in straight binary or twos complement formats. An out-of-range
(OTR) signal indicates an overflow condition that can be used
with the most significant bit to determine low or high overflow.
Fabricated on an advanced CMOS process, the AD9235 is available
in a 28-lead thin shrink small outline package (TSSOP) and a
32-lead chip scale package (LFCSP) and is specified over the
industrial temperature range (–40
°C to +85°C).
PRODUCT HIGHLIGHTS
1. The AD9235 operates from a single 3 V power supply and
features a separate digital output driver supply to accommodate
2.5 V and 3.3 V logic families.
2. Operating at 65 MSPS, the AD9235 consumes a low 300 mW.
3. The patented SHA input maintains excellent performance
for input frequencies up to 100 MHz and can be configured
for single-ended or differential operation.
4. The AD9235 pinout is similar to the AD9214-65, a 10-bit,
65 MSPS ADC. This allows a simplified upgrade path from
10 bits to 12 bits for 65 MSPS systems.
5. The clock DCS maintains overall ADC performance over a
wide range of clock pulsewidths.
6. The OTR output bit indicates when the signal is beyond the
selected input range.
12-Bit, 20/40/65 MSPS
3 V A/D Converter


Similar Part No. - AD9235BRU-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-20 AD-AD9235BRU-20 Datasheet
833Kb / 41P
   3V A/D Converter
More results

Similar Description - AD9235BRU-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com