Electronic Components Datasheet Search |
|
RCA0805MFHEB Datasheet(PDF) 1 Page - Vishay Siliconix |
|
RCA0805MFHEB Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page RCA e3 www.vishay.com Vishay Draloric Revision: 08-Apr-14 1 Document Number: 20037 For technical questions, contact: thickfilmchip@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors FEATURES • Superior resistance against H2S-atmosphere • Stability R/R = 1 % for 1000 h at 70 °C • Metal glaze on high quality ceramic • Pure tin solder contacts on Ni barrier layer, provides compatibility with lead (Pb)-free and lead containing soldering processes • AEC-Q200 qualified, rev. C compliant • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Notes • These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional time. • Marking: See document “Surface Mount Resistor Marking” (document number 20020). • Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material. STANDARD ELECTRICAL SPECIFICATIONS MODEL CASE SIZE INCH CASE SIZE METRIC POWER RATING P70 °C W LIMITING ELEMENT VOLTAGE MAX. V TEMPERATURE COEFFICIENT ppm/K TOLERANCE % RESISTANCE RANGE SERIES RCA0402 0402 RR1005 0.063 50 ± 50 ± 0.5, ± 1 100 to 1.0M E24; E96 ± 100 ± 0.5 10 to 1.0M E24; E96 ± 100 ± 1 10 to 10M E24; E96 ± 200 ± 1 1.0 to 9.76 E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 1.5 A RCA0603 0603 RR1608 0.10 75 ± 50 ± 0.5, ± 1 100 to 10M E24; E96 ± 100 ± 0.5 10 to 10M E24; E96 ± 100 ± 1 1.0 to 10M E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.0 A RCA0805 0805 RR2012 0.125 150 ± 50 ± 0.5, ± 1 100 to 10M E24; E96 ± 100 ± 0.5 10 to 10M E24; E96 ± 100 ± 1 1.0 to 10M E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.5 A RCA1206 1206 RR3216 0.25 200 ± 50 ± 0.5, ± 1 100 to 10M E24; E96 ± 100 ± 0.5 10 to 10M E24; E96 ± 100 ± 1 1.0 to 10M E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 3.5 A RCA1210 1210 RR3225 0.5 200 ± 50 ± 0.5, ± 1 100 to 1.0M E24; E96 ± 100 ± 0.5 10 to 1.0M E24; E96 ± 100 ± 1 1.0 to 10M E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 5.0 A RCA1218 1218 RR3246 1.0 200 ± 50 ± 0.5, ± 1 100 to 2.2M E24; E96 ± 100 ± 0.5 100 to 2.2M E24; E96 ± 100 ± 1 1.0 to 2.2M E24; E96 ± 200 ± 5 1.0 to 2.2M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A RCA2010 2010 RR5025 0.75 400 ± 50 ± 0.5, ± 1 100 to 10M E24; E96 ± 100 ± 0.5 10 to 10M E24; E96 ± 100 ± 1 1.0 to 10M E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 6.0 A RCA2512 2512 RR6332 1.0 500 ± 50 ± 0.5, ± 1 100 to 10M E24; E96 ± 100 ± 0.5 10 to 10M E24; E96 ± 100 ± 1 1.0 to 10M E24; E96 ± 200 ± 5 1.0 to 10M E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A |
Similar Part No. - RCA0805MFHEB |
|
Similar Description - RCA0805MFHEB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |