Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1461A Datasheet(PDF) 7 Page - Keysight Technologies

Part # U1461A
Description  Insulation Resistance Testers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1461A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button U1461A Datasheet HTML 3Page - Keysight Technologies U1461A Datasheet HTML 4Page - Keysight Technologies U1461A Datasheet HTML 5Page - Keysight Technologies U1461A Datasheet HTML 6Page - Keysight Technologies U1461A Datasheet HTML 7Page - Keysight Technologies U1461A Datasheet HTML 8Page - Keysight Technologies U1461A Datasheet HTML 9Page - Keysight Technologies U1461A Datasheet HTML 10Page - Keysight Technologies U1461A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
07 | Keysight | U1450A/U1460A Insulation Resistance Testers - Data Sheet
Speciications
U1451A/U1452A/U1452AT insulation resistance speciications
Insulation resistance specifications with accuracy of ± (% of reading + number of least significant digit)
Test voltage
Range
Resolution
Accuracy
Test current
50 V
6 MΩ
0.001 MΩ
2% + 5
1 mA @ 50 kΩ
< 50 MΩ
0.01 MΩ
2% + 5
~60 GΩ
~0.01 GΩ
2% + 52
100 V
6 MΩ
0.001 MΩ
2% + 5
1 mA @ 100 kΩ
60 MΩ
0.01 MΩ
2% + 5
< 100 MΩ
0.1 MΩ
2% + 5
~60 GΩ
~0.01 GΩ
2% + 52
250 V
6 MΩ
0.001 MΩ
1.5% + 5
1 mA @ 250 kΩ
60 MΩ
0.01 MΩ
1.5% + 5
< 250 MΩ
0.1 MΩ
1.5% + 5
~200 GΩ
~0.1 GΩ
1.5% + 52
500 V
6 MΩ
0.001 MΩ
1.5% + 5
1 mA @ 500 kΩ
60 MΩ
0.01 MΩ
1.5% + 5
< 500 MΩ
0.1 MΩ
1.5% + 5
~200 GΩ
~0.1 GΩ
1.5% + 52
1000 V
6 MΩ
0.001 MΩ
1.5% + 5
1 mA @ 1 MΩ
60 MΩ
0.01 MΩ
1.5% + 5
600 MΩ
0.1 MΩ
1.5% + 5
< 1 GΩ
0.001 GΩ
1.5% + 5
~200 GΩ
~0.1 GΩ
1.5% + 52
1.
The voltage indication on the display refers to the voltage at the DUT (device under test), and the accuracy is according to the DC voltage mea-
surement. The default test voltage is shown in the table below.
Ω
Mega position (Mark)
1000 V
500 V
250 V
100 V
50 V
Test voltage
1000 V
500 V
250 V
100 V
50 V
Test accuracy
0% to +20 % 0% to +20 % 0% to +20 % 0% to +20 % 0% to +20 %
The test voltage across a resistor of a value of UN × (1000 Ω/V) shall not differ by more than 10% relative to noload (open) voltage, as a result of
possibly present AC voltage components in the output voltage, when a capacitor of 1 µF is connected in parallel with the insulation resistance to
be measured. UN represents the nominal output test voltage.
2.
Additional accuracy is to be added to the basic accuracy as shown in the table below.
Voltage
1000 V
500 V
250 V
100 V
50 V
Above
1 GΩ
500 MΩ
250 MΩ
100 MΩ
50 MΩ
Basic accuracy
1.5% + 5
1.5% + 5
1.5% + 5
2.0% + 5
2.0% + 5
Additional accuracy
0.1%/GΩ
0.2%/GΩ
0.4%/GΩ
1.0%/GΩ
2.0%/GΩ


Similar Part No. - U1461A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1460A KEYSIGHT-U1460A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1461A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com