Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5990A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N5990A
Description  N5990A Test Automation Software Platform
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5990A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N5990A Datasheet HTML 2Page - Keysight Technologies N5990A Datasheet HTML 3Page - Keysight Technologies N5990A Datasheet HTML 4Page - Keysight Technologies N5990A Datasheet HTML 5Page - Keysight Technologies N5990A Datasheet HTML 6Page - Keysight Technologies N5990A Datasheet HTML 7Page - Keysight Technologies N5990A Datasheet HTML 8Page - Keysight Technologies N5990A Datasheet HTML 9Page - Keysight Technologies N5990A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
06 | Keysight | N5990A Test Automation Software Platform - Data Sheet
Compliance test and
characterization
Options 101 and 201 simplify PCI Express
receiver and transmitter characterization
as well as compliance testing. The PCI
Express receiver tests (N5990A Option 101)
fully support Keysight’s M8020A and
N4903B J-BERT high-performance serial
BERTs. This ensures you can test PCI
Express 1.1, 2.0, and 3.0 receivers ef-
ficiently. For the test coverage see Table 1.
Receiver jitter tolerance tests
complement transmitter tests
Option 101 provides the important
jitter tolerance test. In the test station
setup shown in Figure 6, J-BERT’s built-in
jitter generator is used to insert the
jitter components which are required by
the compliance tests. Transmitter test
are conducted with a suitable Infiniium
oscilloscope and application (N5393D). The
oscilloscope is also used for the calibration
of the test setup. The N5393D software is
integrated into the N5990A test automation
and enhanced with Option 201. This lets
you select test parameters conveniently
on the PC controller. A consolidated test
report is provided, comprising receiver
and transmitter test results. The controller
PC can be used to display and analyze
oscilloscope data too, so that productivity
is further increased.
Link Training Suite
The PCI Express Link Training Suite
(N5990A Option 301) offers an easy and
quick set up of the PCI Express loopback
training sequences as well as the signal
parameters. It is ideal for debugging and
troubleshooting. The generated sequences
can be imported in the test automation.
Link Equalization Tests
The PCI Express Link Equalization Tests
(N5990A Option 501) with the J-BERT
M8020A use interactive link training.
The tests verify the proper transmitter
equalization negotiation capabilities of an
add-in card or a host system.
Multi Lane Testing
For multi-lane testing, the N5990A supports
the 2100 Series switch system from BitifEye.
Computer Bus Applications - PCI Express
Figure 5. Test selection details (characterization mode)
Figure 6. PCI Express test station
Table 1. PCI Express test coverage
Test number
Test name
2.1
Add-in Card Transmitter Signal Quality
2.2
Add-in Card Transmitter Preset Test for 8.0 GT/s
2.3
Add-in Card Transmitter Initial TX EQ Test for 8.0 GT/S
2.4
Add-in Card Transmitter Link Equalization Response Test for 8.0 GT/S
2.5
System Board Transmitter Signal Quality
2.6
System Board Transmitter Preset Test for 8.0 GT/s
2.7
System Board Transmitter Link Equalization Response Test for 8.0 GT/S
2.8
Add-in Card Receiver Jitter Tolerance Test
2.9
System Receiver Jitter Tolerance Test
2.10
Add-in Card Receiver Link Equalization Test for 8.0 GT/s
2.11
System Receiver Link Equalization Test for 8.0 GT/s


Similar Part No. - N5990A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5990A HP-N5990A Datasheet
1Mb / 18P
   Test Automation Software Platform
More results

Similar Description - N5990A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5990A HP-N5990A Datasheet
1Mb / 18P
   Test Automation Software Platform
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Keysight Technologies
N8839A KEYSIGHT-N8839A Datasheet
1Mb / 13P
   Compliance Test Software
N6462A KEYSIGHT-N6462A Datasheet
2Mb / 18P
   Compliance Test Software
logo
List of Unclassifed Man...
SDR_3000 ETC-SDR_3000 Datasheet
1Mb / 8P
   Software Defined Radio Transceiver Platform
logo
Keysight Technologies
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
N5416B KEYSIGHT-N5416B Datasheet
2Mb / 14P
   USB Compliance Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
DSOXT3NFC KEYSIGHT-DSOXT3NFC Datasheet
2Mb / 14P
   Automated NFC Test Software
N5416A KEYSIGHT-N5416A Datasheet
2Mb / 14P
   USB Compliance Test Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com