Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4982A Datasheet(PDF) 2 Page - Keysight Technologies

Part # N4982A
Description  Clock Recovery Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4982A Datasheet(HTML) 2 Page - Keysight Technologies

  N4982A Datasheet HTML 1Page - Keysight Technologies N4982A Datasheet HTML 2Page - Keysight Technologies N4982A Datasheet HTML 3Page - Keysight Technologies N4982A Datasheet HTML 4Page - Keysight Technologies N4982A Datasheet HTML 5Page - Keysight Technologies N4982A Datasheet HTML 6Page - Keysight Technologies N4982A Datasheet HTML 7Page - Keysight Technologies N4982A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
02 | Keysight | N4982A Clock Recovery Unit - Data Sheet
– Low jitter output clock
– Low power dissipation
– Precision connectors
– Excellent signal quality
– Single low voltage DC supply
N4982A Clock Recovery Units
Description
The Keysight Technologies, Inc. N4982A series of clock recovery units (CRU) cover data
rates from 19 to 36 Gb/s and 39.8 to 44 Gb/s with three different model options. The
CRU modules utilize silicon germanium (SiGe) technology and offer both small size, and
low power consumption.
Applications
The N4982A CRU modules can be used to extract a low jitter clock for 40G and 100G
applications such as IEEE 802.3, OIF/CEI 25/28G, 32G Fiberchannel, 25G Infiniband,
etc. The CRU’s have sufficient bandwidth to operate both at common base rates, e.g.
25.78125 Gb/s, as well as in applications that require added bandwidth for forward error
correction (FEC), e.g. 27.95, 30.9375 Gb/s. Broadband test systems will benefit from the
low power dissipation, precision connectors and excellent signal quality.
Specifications at 33 °C case temperature
Parameter
Model-option number
Units
N4982A-R19
N4982A-R25
N4982A-R28
Data input
Bit rate
19.0 to 26.0
39.8 to 44.0
25.3 to 32.0
27.9 to 36.0
Gb/s
Amplitude
100 to 1400
150 to 1400
50 to 1400
50 to 1400
mV p-p
Reference clock input
Type
Half-rate
Quarter-rate
Quarter-rate
Quarter-rate
Frequency
9.5 to 13.0
9.95 to 11.0
6.325 to 8.0
6.975 to 9.0
GHz
Amplitude
200 to 1400
50 to 1400
50 to 1400
mV p-p
Clock output
Type
Full-rate
Half-rate
Half-rate
Half-rate
Frequency
19.0 to 26.0
19.9 to 22.0
12.65 to 16.0
13.95 to 18.0
GHz
Amplitude (typical)
> 150
> 320
> 150
mV p-p
Jitter RMS (nominal)
0.5
0.5
0.5
ps
DC supply
Voltage
–3.6 V dc
–3.3 V dc
–3.3 V dc
V
Current (nominal)
270
220
220
mA
Absolute maximum ratings
Parameter
Value
Supply voltage (VEE)
–3.8 V
Control voltage applied to SELV and LOCk
Max: +0.05 V
Min: VEE - 0.05 V
Ref input power (REF)
+10 dBm
DC input voltage to DIN, REF and CKO
±1 V
Operating Temperature
0 to +70 °C
Storage Temperature
–50 to +125 °C
Table 1.
Table 2.
Compliant with RoHS
WEE requirements


Similar Part No. - N4982A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4982A-R13 KEYSIGHT-N4982A-R13 Datasheet
1Mb / 3P
   N4982A-R13 Data to Clock Converter
More results

Similar Description - N4982A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3086TEIB ETC2-S3086TEIB Datasheet
77Kb / 2P
   Continuous Rate Clock Recovery Unit
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L_08 Datasheet
169Kb / 16P
   CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Exar Corporation
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
   SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33 EXAR-XRT91L33 Datasheet
341Kb / 16P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
   STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
TEKTRONIX, INC.
BERTSCOPE TEKTRONIX-BERTSCOPE Datasheet
1Mb / 14P
   Clock Recovery Instrument
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com