Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1300A-001 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # N1300A-001
Description  Agilent B1500A Semiconductor Device Analyzer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N1300A-001 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button N1300A-001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) N1300A-001 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5
Voltage range, resolution, and accuracy (high speed ADC)
Voltage
range
Force
resolution
Measure
resolution
Force accuracy¹
Measure accuracy¹
Maximum current
±2 V
100 µV
2 µV
±(0.018 % + 400 µV)
±(0.01 % + 700 µV)
1 A
±20 V
1 mV
20 µV
±(0.018 % + 3 mV)
±(0.01 % + 4 mV)
1 A
±40 V
2 mV
40 µV
±(0.018 % + 6 mV)
±(0.015 % + 8 mV)
500 mA
±100 V
5 mV
100 µV
±(0.018 % + 15 mV)
±(0.02 % + 20 mV)
125 mA
±200 V
10 mV
200 µV
±(0.018 % + 30 mV)
±(0.035 % + 40 mV)
50 mA
1. ± (% of read value + offset voltage V)
HPSMU module specifications
Voltage range, resolution, and accuracy (high resolution ADC)
Voltage
range
Force
resolution
Measure
resolution
Force accuracy¹
Measure accuracy¹
Maximum current
±2 V
100 µV
2 µV
±(0.018 % + 400 µV)
±(0.01 % + 140 µV)
1 A
±20 V
1 mV
20 µV
±(0.018 % + 3 mV)
±(0.01 % + 140 µV)
1 A
±40 V
2 mV
40 µV
±(0.018 % + 6 mV)
±(0.01 % + 1 mV)
500 mA
±100 V
5 mV
100 µV
±(0.018 % + 15 mV)
±(0.012 % + 2.5 mV)
125 mA
±200 V
10 mV
200 µV
±(0.018 % + 30 mV)
±(0.014 % + 2.8 mV)
50 mA
1. ± (% of read value + offset voltage V)
Current range, resolution, and accuracy (high resolution ADC)
Current
range
Force
resolution
Measure
resolution¹
Force accuracy²
Measure accuracy²
Maximum voltage
±1 nA
50 fA
10 fA
±(0.1 %+300 fA+1 fA x Vo)
±(0.1 %+300 fA+1 fA x Vo)
200 V
±10 nA
500 fA
10 fA
±(0.1 %+3 pA+10 fA x Vo)
±(0.1 %+2.5 pA+10 fA x Vo)
200 V
±100 nA
5 pA
100 fA
±(0.05 %+30 pA+100 fA x Vo)
±(0.05 %+25 pA+100 fA x Vo)
200 V
±1 µA
50 pA
1 pA
±(0.05 %+300 pA+1 pA x Vo)
±(0.05 %+100 pA+1 pA x Vo)
200 V
±10 µA
500 pA
10 pA
±(0.05 %+3 nA+10 pA x Vo)
±(0.04 %+2 nA+10 pA x Vo)
200 V
±100 µA
5 nA
100 pA
±(0.035 %+15 nA+100 pA x Vo)
±(0.03 %+3 nA+100 pA x Vo)
200 V
±1 mA
50 nA
1 nA
±(0.04 %+150 nA+1 nA x Vo)
±(0.03 %+60 nA+1 nA x Vo)
200 V
±10 mA
500 nA
10 nA
±(0.04 %+1.5 nA+10 nA x Vo)
±(0.03 %+200 nA+10 nA x Vo)
200 V
±100 mA
5 µA
100 nA
±(0.045 %+15 µA+100 nA x Vo)
±(0.04 %+6 µA+100 nA x Vo)
³
±1 A
50 µA1 µA
±(0.4 %+300 µA+1 µA x Vo)
±(0.4 %+150 µA+1 µA x Vo)
³
1. Specified measurement resolution is limited by fundamental noise limits.
2. ± (% of read value + offset current (fixed part determined by the output/measurement range + proportional part that is multiplied by Vo))
3. 200 V (Io ≤ 50 mA), 100 V (50 mA < Io ≤ 125 mA), 40 V (125 mA < Io ≤ 500 mA), 20 V (500 mA < Io ≤ 1 A), Io is the output current in Amps.


Similar Part No. - N1300A-001

ManufacturerPart #DatasheetDescription
logo
Heyco.
N130 HEYCO-N130 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
ON Semiconductor
N1308 ONSEMI-N1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
More results

Similar Description - N1300A-001

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1530A KEYSIGHT-B1530A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com