Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4967A Datasheet(PDF) 2 Page - Keysight Technologies

Part # N4967A
Description  N4967A Serial BERT System 44 Gb/s 40G BER test system
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4967A Datasheet(HTML) 2 Page - Keysight Technologies

  N4967A Datasheet HTML 1Page - Keysight Technologies N4967A Datasheet HTML 2Page - Keysight Technologies N4967A Datasheet HTML 3Page - Keysight Technologies N4967A Datasheet HTML 4Page - Keysight Technologies N4967A Datasheet HTML 5Page - Keysight Technologies N4967A Datasheet HTML 6Page - Keysight Technologies N4967A Datasheet HTML 7Page - Keysight Technologies N4967A Datasheet HTML 8Page - Keysight Technologies N4967A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
02 | Keysight | N4967A Serial BERT System 44 Gb/s 40G BER test system - Data Sheet
Complete cost effective solution for 40, 28, and 25 Gb/s
device characterization and production testing
Modular system architecture
The N4967A serial BERT system 44 Gb/s is formed from three main components:
– N4974A PRBS Generator 44 Gb/s
Provides a true PRBS pattern at full data rate to stimulate the device under test.
– N4968A clock and data demultiplexer 44 Gb/s
De-multiplexes the full rate output data stream from the device under test into 4x
sub-rate data streams. Also divides the high speed clock to provide a selection of
lower speed clock outputs.
– N4965A multi-channel BERT 12.5 Gb/s
Measures the bit error rate of the 4x de-multiplexed data streams and provides clock
control for the clock and data demultiplexer 44Gb/s.
Figure 1. Typical test setup at 40Gb/s using internal clock.
Figure 2. Typical test setup using external clock for 22 to 44 Gb/s operation.
Device Under Test
50 Ohm
40 Gb/s
Data Rate Signals
4x Error Detector
Heads
External
Clock
11 to 22 GHz
44 Gb/s PRBS
Source
Clock In
Clock Out
44 Gb/s
Clock - Data
Demultiplexer
Clock In
Clock Divider
12.5 Gb/s
Multi-
Channel
BERT
Clock Doubler
Head
Device Under Test
40 Gb/s
Data Rate Signals
4x Error Detector
Heads
44 Gb/s PRBS
Source
Clock In
Clock Out
44 Gb/s
Clock - Data
Demultiplexer
Clock In
Clock Divider
12.5 Gb/s
Multi-
Channel
BERT
Clock Doubler
Head
Key features
– Operates at data rates from 22 to 44 Gb/s with external clock
– Built-in clock for operation at 40 Gb/s
– True PRBS pattern generation at full data rate
– Supports differential or single ended inputs and outputs
– Remote control through USB or GPIB
– Compact size


Similar Part No. - N4967A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4960-60006 KEYSIGHT-N4960-60006 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60018 KEYSIGHT-N4960-60018 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60023 KEYSIGHT-N4960-60023 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60026 KEYSIGHT-N4960-60026 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960A KEYSIGHT-N4960A Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
More results

Similar Description - N4967A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4962A KEYSIGHT-N4962A Datasheet
384Kb / 6P
   Serial BERT 12.5 Gb/s
N5980A KEYSIGHT-N5980A Datasheet
1Mb / 6P
   N5980A 3.125 Gb/s Serial BERT
N4960A KEYSIGHT-N4960A Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4965A KEYSIGHT-N4965A Datasheet
2Mb / 12P
   Multi-Channel BERT 12.5 Gb/s
logo
JFW Industries, Inc.
50PMA-012 JFW-50PMA-012 Datasheet
27Kb / 1P
   TRANSCEIVER TEST SYSTEM
50PMA-114 JFW-50PMA-114 Datasheet
32Kb / 2P
   TRANSCEIVER TEST SYSTEM
50PA-825 JFW-50PA-825 Datasheet
32Kb / 2P
   HANDOVER TEST SYSTEM
50PA-836 JFW-50PA-836 Datasheet
32Kb / 2P
   HANDOVER TEST SYSTEM
50PA-979 JFW-50PA-979 Datasheet
32Kb / 2P
   HANDOVER TEST SYSTEM
50PMA-073 JFW-50PMA-073 Datasheet
32Kb / 2P
   TRANSCEIVER TEST SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com