Electronic Components Datasheet Search |
|
ACE1502EM Datasheet(PDF) 9 Page - Fairchild Semiconductor |
|
ACE1502EM Datasheet(HTML) 9 Page - Fairchild Semiconductor |
9 / 33 page 9 www.fairchildsemi.com ACE1502 Product Family Rev. 1.7 subroutine is finished, a return from subroutine (RET) instruction is executed. The RET instruction pulls the previously stacked return address from the stack and loads it into the program counter. Execution then continues at the recovered return address. 3.1.5 Status Register (SR) The 8-bit Status register (SR) contains four condition code indi- cators (C, H, Z, and N), one interrupt masking bit (G), and an EEPROM write flag (R.) The condition codes are automatically updated by most instructions. (See Table 9.) Carry/Borrow (C) The carry flag is set if the arithmetic logic unit (ALU) performs a carry or borrow during an arithmetic operation and by its dedi- cated instructions. The rotate instruction operates with and through the carry bit to facilitate multiple-word shift operations. The LDC and INVC instructions facilitate direct bit manipulation using the carry flag. Half Carry (H) The half carry flag indicates whether an overflow has taken place on the boundary between the two nibbles in the accumu- lator. It is primarily used for Binary Coded Decimal (BCD) arith- metic calculation. Zero (Z) The zero flag is set if the result of an arithmetic, logic, or data manipulation operation is zero. Otherwise, it is cleared. Negative (N) The negative flag is set if the MSB of the result from an arith- metic, logic, or data manipulation operation is set to one. Other- wise, the flag is cleared. A result is said to be negative if its MSB is a one. Interrupt Mask (G) The interrupt request mask (G) is a global mask that disables all maskable interrupt sources. If the G Bit is cleared, interrupts can become pending, but the operation of the core continues uninterrupted. However, if the G Bit is set an interrupt is recog- nized. After any reset, the G bit is cleared by default and can only be set by a software instruction. When an interrupt is rec- ognized, the G bit is cleared after the PC is stacked and the interrupt vector is fetched. Once the interrupt is serviced, a return from interrupt instruction is normally executed to restore the PC to the value that was present before the interrupt occurred. The G bit is the reset to one after a return from inter- rupt is executed. Although the G bit can be set within an inter- rupt service routine, “nesting” interrupts in this way should only be done when there is a clear understanding of latency and of the arbitration mechanism. 3.2 Interrupt handling When an interrupt is recognized, the current instruction com- pletes its execution. The return address (the current value in the program counter) is pushed onto the stack and execution con- tinues at the address specified by the unique interrupt vector (see Table 10.). This process takes five instruction cycles. At the end of the interrupt service routine, a return from interrupt (RETI) instruction is executed. The RETI instruction causes the saved address to be pulled off the stack in reverse order. The G bit is set and instruction execution resumes at the return address. The ACEx microcontroller is capable of supporting four inter- rupts. Three are maskable through the G bit of the SR and the fourth (software interrupt) is not inhibited by the G bit (Figure 13.) The software interrupt is generated by the execution of the INTR instruction. Once the INTR instruction is executed, the ACEx core will interrupt whether the G bit is set or not. The INTR interrupt is executed in the same manner as the other maskable interrupts where the program counter register is stacked and the G bit is cleared. This means, if the G bit was enabled prior to the software interrupt the RETI instruction must be used to return from interrupt in order to restore the G bit to its previous state. However, if the G bit was not enabled prior to the software interrupt the RET instruction must be used. In case of multiple interrupts occurring at the same time, the ACEx microcontroller core has prioritized the interrupts. The interrupt priority sequence in shown in Table 7. Table 7: Interrupt Priority Sequence Figure 13. Basic Interrupt Structure Priority (4 highest, 1 lowest) Interrupt 4 MIW (EDGEI) 3 Timer0 (TMRI0) 2 Timer1 (TMRI1) 1 Software (INTR) T1PND T0PND WKPND T1EN T0INT EN WKINT EN G INTR T1 T0 MIW Interrupt Pending Flags Interrupt Enable Bits Global Interrupt Enable Interrupt |
Similar Part No. - ACE1502EM |
|
Similar Description - ACE1502EM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |