Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4880A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N4880A
Description  Reference Clock Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4880A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N4880A Datasheet HTML 3Page - Keysight Technologies N4880A Datasheet HTML 4Page - Keysight Technologies N4880A Datasheet HTML 5Page - Keysight Technologies N4880A Datasheet HTML 6Page - Keysight Technologies N4880A Datasheet HTML 7Page - Keysight Technologies N4880A Datasheet HTML 8Page - Keysight Technologies N4880A Datasheet HTML 9Page - Keysight Technologies N4880A Datasheet HTML 10Page - Keysight Technologies N4880A Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Specifications for N4880A (continued)
Table 2. Multiplier factors for N4880A
Digital bus
standard
Reference
clock input
Target
bit rate
N4880A
output clock
PLL loop
bandwidth
N4880A
multiplier
Recommended CLK IN divider
in pattern generator to achieve
target bit rate1
PCI Express 3
100 MHz
8 GHz
8 GHz
5 MHz
80
1
PCI Express 2
100 MHz
5 GHz
10 GHz
5 MHz
100
2
PCI Express 1
100 MHz
2.5 GHz
10 GHz
5 MHz
100
4
MIPI M-PHY
19.2 MHz
1.248 GHz
9.984 GHz
2 MHz
520
8
MIPI M-PHY
19.2 MHz
1.4592 GHz
11.6736 GHz
2 MHz
608
8
MIPI M-PHY
19.2 MHz
2.496 GHz
9.984 GHz
2 MHz
520
4
MIPI M-PHY
19.2 MHz
2.9184 GHz
11.6736 GHz
2 MHz
608
4
MIPI M-PHY
19.2 MHz
4.992 GHz
9.984 GHz
2 MHz
520
2
MIPI M-PHY
19.2 MHz
5.8368 GHz
11.6736 GHz
2 MHz
608
2
MIPI M-PHY
26 MHz
1.248 GHz
9.984 GHz
2 MHz
384
8
MIPI M-PHY
26 MHz
1.456 GHz
11.648 GHz
2 MHz
448
8
MIPI M-PHY
26 MHz
2.496 GHz
9.984 GHz
2 MHz
384
4
MIPI M-PHY
26 MHz
2.912 GHz
11.648 GHz
2 MHz
448
4
MIPI M-PHY
26 MHz
4.992 GHz
9.984 GHz
2 MHz
384
2
MIPI M-PHY
26 MHz
5.824GHz
11.648 GHz
2 MHz
448
2
MIPI M-PHY
38.4 MHz
1.248 GHz
9.984 GHz
2 MHz
260
8
MIPI M-PHY
38.4 MHz
1.4592 GHz
11.6736 GHz
2 MHz
304
8
MIPI M-PHY
38.4 MHz
2.496 GHz
9.984 GHz
2 MHz
260
4
MIPI M-PHY
38.4 MHz
2.9184 GHz
11.6736 GHz
2 MHz
304
4
MIPI M-PHY
38.4 MHz
4.992 GHz
9.984 GHz
2 MHz
260
2
MIPI M-PHY
38.4 MHz
5.8368 GHz
11.6736 GHz
2 MHz
304
2
MIPI M-PHY
52 MHz
1.248 GHz
9.984 GHz
2 MHz
192
8
MIPI M-PHY
52 MHz
1.456 GHz
11.648 GHz
2 MHz
24
8
MIPI M-PHY
52 MHz
2.496 GHz
9.984 GHz
2 MHz
192
4
MIPI M-PHY
52 MHz
2.912 GHz
11.648 GHz
2 MHz
192
4
MIPI M-PHY
52 MHz
5.824 GHz
11.648 GHz
2 MHz
224
2
MIPI M-PHY
52 MHz
5.824 GHz
11.648 GHz
2 MHz
224
2
07 | Keysight | N4880A Reference Clock Multiplier - Data Sheet


Similar Part No. - N4880A

ManufacturerPart #DatasheetDescription
logo
EPCOS
N48 EPCOS-N48 Datasheet
227Kb / 5P
   Ferrites and accessories
logo
Tripp Lite. All Rights ...
N482-00U TRIPPLITE-N482-00U Datasheet
169Kb / 2P
   High-Density Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
N482-01U TRIPPLITE-N482-01U Datasheet
159Kb / 2P
   High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N482-02U TRIPPLITE-N482-02U Datasheet
161Kb / 2P
   High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
   Enclosure for 28 High-Density Fiber Cassettes, 4U
More results

Similar Description - N4880A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
   Clock Multiplier
logo
Texas Instruments
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
   PLL Clock Multiplier
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
   PLL Clock Multiplier
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
   PLL Clock Multiplier
logo
Vaishali Semiconductor
VT98521 VAISH-VT98521 Datasheet
181Kb / 5P
   3.3V Clock Multiplier
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
   PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
   PLL Clock Multiplier
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
   PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com