Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82357A Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # 82357A
Description  Agilent B1500A Semiconductor Device Analyzer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

82357A Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button 82357A Datasheet HTML 14Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 15Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 16Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 17Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 18Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 19Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 20Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 21Page - Agilent(Hewlett-Packard) 82357A Datasheet HTML 22Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
17
Arithmetic and analysis
functions
User functions
Up to 20 user-defined functions can be
defined using arithmetic expressions.
Measured data and pre-defined variables
can be used in the computation. The
results can be displayed on the LCD.
Arithmetic operators
+, -, *, /, ^, abs (absolute value),
at (arc tangent), avg (averaging), cond
(conditional evaluation), delta, diff (differ-
ential), exp (exponent), integ (integration),
lgt (logarithm, base 10), log (logarithm,
base e), mavg (moving average), max,
min, sqrt, trigonometric function, inverse
trigonometric function, and so on.
Physical constants
Keyboard constants are stored in memory
as follows:
q: Electron charge, 1.602177E-19 C
k: Boltzman’s constant, 1.380658E-23
ε (e): Dielectric constant of vacuum,
8.854188E-12
Engineering units
The following unit symbols are also
available on the keyboard:
a (10-18), f (10-15), p (10-12), n (10-9),
u or µ (10-6), m (10-3), k (103), M (106),
G (109), T (1012) , P (1015)
Analysis capabilities
Overlay graph comparison
Graphical plots can be stored and overlaid.
Scale
Auto scale and zoom
Marker
Marker to min/max, interpolation, direct
marker, and marker skip
Cursor
Direct cursor
Line
Two lines, normal mode, grad mode,
tangent mode, and regression mode
Automatic analysis function
On a graphics plot, the markers and lines
can be automatically located using the
auto analysis setup. Parameters can be
automatically determined using automatic
analysis, user function, and read out
functions.
Data variable display
Up to 20 user-defined parameters can be
displayed on the graphics screen.
Analysis functions
Up to 20 user-defined analysis func-
tions can be defined using arithmetic
expressions.
Measured data, pre-defined variables,
and read out functions can be used in the
computation. The results can be displayed
on the LCD.
Read out functions
The read out functions are built-in func-
tions for reading various values related to
the marker, cursor, or line.
Graph plot
Display mode
Data display window can be printed. Only
X-Y graph can be printed.
Graph plot file
Graph plot can be stored as image data to
clip board or mass storage device.
File type: bmp, gif, png, emf
Output
Display mode
X-Y graph, list, and parameter
X-Y graph display
X-axis and up to eight Y-axes, linear and
log scale, real time graph plotting
List display
Measurement data and calculated user
function data are listed in conjunction
with VAR1 step number or time domain
sampling step number. Up to 20 data sets
can be displayed.
Other functions
Import/export files
File type:
Agilent EasyEXPERT format, XML-SS
format, CSV format
Data storage
Hard disk drive, DVD-ROM/CD-R/CD-RW
drive
Interfaces
GPIB, interlock, USB (USB 2.0, front 2,
rear 2), LAN (100BASE-TX/10BASE-T),
trigger in/out, digital I/O
Trigger I/O
Only available using GPIB FLEX commands.
Trigger in/out synchronization pulses
before and after setting and measuring
DC voltage and current. Arbitrary trigger
events can be masked or activated
independently.
Supported external instruments
EasyEXPERT Standard edition:
• Supported by switching matrix GUI:
B2200A/B2201A
• Supported by application tests: E5250A
(E5252A cards), 4284A/E4980A, 81110A,
3458A
EasyEXPERT Plus edition:
• All external instruments supported by
EasyEXPERT Standard edition
• Also supported by switching matrix GUI:
E5250A (E5252A cards)
Furnished software
• Prober control execution files
• Desktop EasyEXPERT software with
license-to-use for Standard edition
• 4155/56 setup file converter tool
(Supported operating systems:
Microsoft Windows 2000 Professional,
XP Home or Professional, and Vista
Business)
• A VXIplug&play driver for the B1500A
(Supported operating systems:
Microsoft Windows 2000 Professional
and XP Professional)


Similar Part No. - 82357A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82357050100 WURTH-82357050100 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357050220 WURTH-82357050220 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357050330 WURTH-82357050330 Datasheet
353Kb / 4P
   0402 ESD Suppressor
82357050560 WURTH-82357050560 Datasheet
353Kb / 4P
   40402 ESD Suppressor
82357120050 WURTH-82357120050 Datasheet
353Kb / 4P
   0402 ESD Suppressor "LC"||" "485013
20V P-Channel MOSFET
More results

Similar Description - 82357A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1530A KEYSIGHT-B1530A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com