Electronic Components Datasheet Search |
|
ACE1502EM8 Datasheet(PDF) 10 Page - Fairchild Semiconductor |
|
ACE1502EM8 Datasheet(HTML) 10 Page - Fairchild Semiconductor |
10 / 33 page 10 www.fairchildsemi.com ACE1502 Product Family Rev. 1.7 3.3 Addressing Modes The ACEx microcontroller has seven addressing modes indexed, indirect, direct, immediate, absolute jump, and relative jump. Indexed The instruction allows an 8-bit unsigned offset value to be added to the 11-LSBs of the X-pointer yielding a new effective address. This mode can be used to address either data or pro- gram memory space. Indirect The instruction allows the X-pointer to address any location within the data memory space. Direct The instruction contains an 8-bit address field that directly points to the data memory space as an operand. Immediate The instruction contains an 8-bit immediate field as an operand. Inherent This instruction has no operands associated with it. Absolute The instruction contains an 11-bit address that directly points to a location in the program memory space. There are two oper- ands associated with this addressing mode. Each operand con- tains a byte of an address. This mode is used only for the long jump (JMP) and JSR instructions. Relative This mode is used for the short jump (JP) instructions where the operand is a value relative to the current PC address. With this instruction, software is limited to the number of bytes it can jump, -31 or +32. Table 8. Instruction Addressing Modes Instruction Immediate Direct Indexed Indirect Inherent Relative Absolute ADC ADD AND OR SUBC XOR A, # A, # A, # A, # A, # A, # A, M A, M A, M A, M A, M A, M A, [#, X] A, [#, X] A, [#, X] A, [#, X] A, [#, X] A, [#, X] A, [X] A, [X] A, [X] A, [X] A, [X] A, [X] CLR INC DEC M M M A A A X X X IFEQ IFGT IFNE IFLT A, # A, # A, # X, # X, # X, # X, # M,# M,# A, M A, M A, M A, [#, X] A, [#, X] A, [#, X] A, [X] A, [X] A, [X] SC RC IFC IFNC INVC LDC STC #, M #, M no-op no-op no-op no-op no-op RLC RRC M M A A LD ST A, # M, # X, # A, M A, M M, M A, [#, X] A, [#, X] A, [X] A, [X] NOP no-op IFBIT #, A #, M [#, X] IFNBIT SBIT RBIT #, A #, M #, M #, M [#, X] [#, X] [#, X] JP JSR JMP RET RETI INTR [#, X] [#, X] no-op no-op no-op Rel M M |
Similar Part No. - ACE1502EM8 |
|
Similar Description - ACE1502EM8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |