Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-501P8-TR1 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # ATF-501P8-TR1
Description  Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-501P8-TR1 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button ATF-501P8-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
8
ATF-501P8 Typical Performance Curves (at 25
°C unless specified otherwise)
Tuned for Optimal OIP3 at 4.5V 400 mA
Figure 32. OIP3 vs. Ids and Vds at 2 GHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
55
50
45
40
35
30
4.5V
5.5V
3.5V
Figure 33. OIP3 vs. Ids and Vds at 900 MHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
55
50
45
40
35
30
4.5V
5.5V
3.5V
Figure 34. P1dB vs. Ids and Vds at 2 GHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
35
30
25
20
15
4.5V
5.5V
3.5V
Figure 35. P1dB vs. Ids and Vds at 900 MHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
35
30
25
20
15
4.5V
5.5V
3.5V
Figure 36. Gain vs. Ids and Vds at 2 GHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
25
20
15
10
5
0
4.5V
5.5V
3.5V
Figure 38. PAE vs. Ids and Vds at 2 GHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
60
50
40
30
20
10
0
4.5V
5.5V
3.5V
Figure 39. PAE vs. Ids and Vds at 900 MHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
60
50
40
30
20
10
0
4.5V
5.5V
3.5V
Figure 37. Gain vs. Ids and Vds at 900 MHz.
Ids (mA)
200
640
240 280 320 360 400 440 480 520 560 600
25
20
15
10
5
0
4.5V
5.5V
3.5V
Figure 40. OIP3 vs. Temperature and
Frequency at optimum OIP3.
FREQUENCY (GHz)
0.5
4
1
1.5
2
2.5
3
3.5
50
40
30
20
10
0
-40
°C
25
°C
85
°C
Note:
Bias current (Ids) for the above charts are
quiescent conditions. Actual level may increase
or decrease depending on amount of RF drive.


Similar Part No. - ATF-501P8-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results

Similar Description - ATF-501P8-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF55143 HP-ATF55143 Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com