Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-501P8-TR1 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # ATF-501P8-TR1
Description  Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-501P8-TR1 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ATF-501P8-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-501P8-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
Gamma Load and Source at Optimum OIP3 and P1dB Tuning Conditions
The device’s optimum OIP3 and P1dB measurements were determined using a load pull system at 4.5V
280 mA and 4.5V 400 mA quiesent bias respectively:
Figure 3. Simplified schematic of production test board. Primary purpose is to show 15 Ohm series resistor placement in
gate supply. Transmission line tapers, tee intersections, bias lines and parasitic values are not shown.
Typical Gammas at Optimum OIP3 at 4.5V 280 mA
Optimized for maximum OIP3 at 4.5V 280 mA
Freq (GHz)
OIP3
Gain
P1dB
PAE
Gamma Source
Gamma Load
0.9
46.42
16.03
26.67
45.80
0.305 < -140
0.577 < 162
2.0
45.50
15.07
28.93
50.30
0.806 < -179.2
0.511 < 164
2.4
44.83
12.97
29.03
45.70
0.756 < -167
0.589 < -168
3.9
43.97
6.11
27.33
33.90
0.782 < -162
0.524 < -153
Typical Gammas at Optimum P1dB at 4.5V 280mA
Optimized for maximum P1dB at 4.5V 280 mA
Freq (GHz)
OIP3
Gain
P1dB
PAE
Gamma Source
Gamma Load
0.9
39.29
20.90
30.49
41.00
0.859 < 165
0.757 < 179
2.0
41.79
14.72
30.60
45.30
0.76 < -171
0.691 < -168
2.4
42.37
11.25
30.24
39.70
0.745 < -166
0.694 < -161
3.9
42.00
5.63
28.26
25.80
0.759 < -159
0.708 < -149
RF Input
2.2
µF
Gate
Supply
Drain
Supply
15 Ohm
15 nH
1.8 nH
1.2 pF
50 Ohm
.02
50 Ohm
.02
110 Ohm
.03
110 Ohm
.03
1.2 pF
3.3 nH
RF Output
47 nH
2.2
µF
DUT
Typical Gammas at Optimum OIP3 at 4.5V 400 mA
Optimized for maximum OIP3 at 4.5V 400 mA
Freq (GHz)
OIP3
Gain
P1dB
PAE
Gamma Source
Gamma Load
0.9
49.15
16.85
27.86
44.20
0.5852 < -135.80
0.4785 < 177.00
2.0
48.18
14.72
29.36
48.89
0.7267 < -175.37
0.7338 < 179.56
2.4
47.54
12.47
29.10
46.83
0.6155 < -171.71
0.5411 < -172.02
3.9
45.44
8.05
28.49
37.02
0.7888 < -148.43
0.5247 < -145.84
Typical Gammas at Optimum P1dB at 4.5V 400 mA
Optimized for maximum P1dB at 4.5V 400 mA
Freq (GHz)
OIP3
Gain
P1dB
PAE
Gamma Source
Gamma Load
0.9
41.78
21.84
31.23
49.97
0.7765 < 168.50
0.7589 < -175.09
2.0
43.28
14.83
31.03
44.78
0.8172 < -175.74
0.8011 < -165.75
2.4
42.46
11.90
30.66
41.00
0.8149 < -163.78
0.8042 < -161.79
3.9
42.94
7.70
29.56
33.06
0.8394 < -151.21
0.7826 < -149.00


Similar Part No. - ATF-501P8-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results

Similar Description - ATF-501P8-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF55143 HP-ATF55143 Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com