Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M8040A Datasheet(PDF) 25 Page - Keysight Technologies

Part No. M8040A
Description  M8040A High-Performance BERT 64 GBaud
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M8040A Datasheet(HTML) 25 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25 | Keysight | M8040A High-Performance BERT 64 GBaud - Data Sheet
M8057A
Operating temperature
5 to 40 °C (41 to + 104 °F)
Storage temperature
–40 to +70 ºC (modules) (–40 to + 158 °F)
Operating humidity
15 to 95% relative humidity at 40 ºC (non-condensing)
Storage humidity
24 to 90% relative humidity at 65 ºC (non-condensing)
Physical dimensions (W x H x D)
Remote head 117 mm x 68 mm x 185 mm, (4.6” x 2.7” x 7.3”)
Physical dimensions for remote head with cable
Length of cable connection between M8057A and M8045A module: 85 cm
M8045A
M8057A
15 cm
85 cm
Weight net
1.7 kg (3.75 lb)
Weight shipping
6.5 kg (14.4 lb)
Recommended recalibration period
1 year
Warranty period
3 years return to Keysight
Warm-up time
30 minutes
EMC
IEC 61326-1
Table 27. General characteristics for M8057A remote head.
Remote head M8057A
Specification assumptions
The specifications in this document describe the instruments' warranted performance. All specification in this revision of the data sheet
are preliminary. Non-warranted values are described as typical. All specifications are valid in the specified operating temperature
range after the warm-up time and after auto-adjustment. If not otherwise stated all outputs need to be terminated with 50 Ω to GND.
All M8045A specifications if not otherwise stated are valid at the end of the cable M8045A-801.
All M8046A specifications if not otherwise stated are valid using the recommended cable pair N4910A (2.4 mm matched cable pair
24 inches).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn