Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M8040A Datasheet(PDF) 21 Page - Keysight Technologies

Part No. M8040A
Description  M8040A High-Performance BERT 64 GBaud
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M8040A Datasheet(HTML) 21 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21 | Keysight | M8040A High-Performance BERT 64 GBaud - Data Sheet
External clock input (CLK IN)
Amplitude
Minimum 400 mVpp, maximum 1 Vpp
Frequency range
Symbol rate /2 up to 32.4 GHz or full rate
Symbol rate > 32.4 GBaud Rate /4 /2
Divider internal
1, 2
Connector
3.5 mm, female
Table 21. Specifications for clock input of analyzer.
SYNC input (SYNC IN)
Can be used to clock the analyzer from the pattern generator’s M8045A system clock via the sync output A/B (requires cable
M8051A-801). Not needed if external clock is used.
Control input A (CTRL IN A)
Functionality can be selected as: sequence trigger, pattern capture event.
Input voltage
–1 to +3 V
Termination voltage
–1 to +3 V
Threshold voltage
–1 to +3 V
Connector
3.5 mm, female
Table 22. Specifications for control inputs of analyzer.
Control output (CTRL OUT A)
Outputs a pulse in case of an error. Generates a pulse or static high/low if used from sequencer.
Amplitude
0.1 to 2 V
Output voltage
–0.5 to 1.75 V
Delay from data input
CTRL Out to DATA In Tbd
Delay from sequencer
Tbd
Connector
3.5 mm, female
Table 23. Control output specifications (M8045A and M8055A).
Measurements
BER, SER
Accumulation and instantaneous
BERT Scan with RJ, DJ separation
No
Jitter tolerance
Yes
Counters
Compared bits, errored bits
Counted 0,1,2,3
Errored 0,1,2,3
BER versus parameter automated sweep
Yes 1
Burst error analysis 1
Yes 1
Table 24. Measurement capabilities.
1. Contact factory for availability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn