Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M8040A Datasheet(PDF) 14 Page - Keysight Technologies

Part No. M8040A
Description  M8040A High-Performance BERT 64 GBaud
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M8040A Datasheet(HTML) 14 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14 | Keysight | M8040A High-Performance BERT 64 GBaud - Data Sheet
Amplitude 1
0.1 to 2 V
Output voltage 1
–0.5 to 1.75 V
Delay to data output
±512 UI ± jitter amplitude/2
Connector
3.5 mm, female
Supplementary inputs and outputs of M8045A (continued)
Control output A and B (CTRL OUT A, CTRL OUT B)
Outputs a pulse in case of an error. Generates a pulse or static high/low if used from sequencer.
Table 9. Control output specifications.
1. When terminated with 50 Ω into GND. Doubles into open.
Input voltage
–1 V to +3 V
Termination voltage
–1 V to +3 V
Threshold voltage
–1 V to +3 V
Delay to data output
Tbd
Connector
SMA, female
Synchronization out (SYNC OUT)
The sync output is a clock output to synchronize additional modules to a common clock. Can be used to sync the M8046A with the
system internal clock.
System input A/B (SYS IN A/B)
These are control inputs to synchronize events for the pattern sequencer.
Table 10. System input specifications.
Amplitude 1
0.1 to 2 V
Output voltage 1
–0.5 to 1.75 V
Delay to data output
±512 UI ± jitter amplitude /2
Connector
SMA, female
System output A/B (SYS OUT A/B)
Generates a pulse or static high/low controlled by the pattern sequencer. A and B outputs are identical.
Table 11. System output specifications.
1.
When terminated with 50 Ω into GND. Doubles into open.
Auxiliary input (AUX IN)
Not used.
Clock input (CLK IN)
For future use. See reference clock input for direct clock mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn