Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M8040A Datasheet(PDF) 11 Page - Keysight Technologies

Part No. M8040A
Description  M8040A High-Performance BERT 64 GBaud
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M8040A Datasheet(HTML) 11 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11 | Keysight | M8040A High-Performance BERT 64 GBaud - Data Sheet
Clock output 1 and 2 (Channel 1 CLK OUT, Channel 2 CLK OUT)
These clock outputs provide two modes. They can operate with the same jitter as the corresponding data output or operate in a clean
mode.
Frequency range
1.0125 to 16.2 GHz with M8045A-G32
1.0125 to 32.4 GHz with M8045A-G64
Frequency divider factors
Symbol rate / clock divider: 2, 4, 8, 16. Divided output frequency must fit into frequency range
Clean clock mode
On
No jitter injection, no SSC
Off
Same jitter and SSC as data output of same channel
Amplitude
1 V typical nominal single ended
Duty cycle
50%, accuracy ± 15% typical
Intrinsic random jitter
Tbd rms typical
Termination
50 Ω into GND or external termination voltage. Do not operate into open.
Coupling
AC coupled
Connectors
3.5 mm, female
Table 3. Specifications for channel 1 clock output and channel 2 clock output.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn