Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M8040A Datasheet(PDF) 27 Page - Keysight Technologies

Part No. M8040A
Description  M8040A High-Performance BERT 64 GBaud
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M8040A Datasheet(HTML) 27 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27 | Keysight | M8040A High-Performance BERT 64 GBaud - Data Sheet
M8045A module:
Four 50 Ω resistors, ESD protection kit, certificate of calibration, license entitlement certificate, no signal cables, no blue sync cable
M8046A module:
ESD protection kit, certificate of calibration, license entitlement certificate, no signal cables
M8057A remote head:
includes cable connection to M8045A pattern generator module, one 50 Ω termination (2.4 mm)
M8040A-BU1:
M9505A AXIe chassis with embedded controller, USB cable, getting started guide, AXIe filler panel,
power cord
M8040A-BU2:
M9505A AXIe chassis, USB cable, getting started guide, AXIe filler panel, power cord
M8070A:
CD-ROM with M8070A system software
Recommended accessories
Short cable, 1.85 mm (m) to 1.85 mm (m), 0.15 m, 699 ps delay ± 1 ps
(two are recommended for each differential data output of M8057A)
M8045A-801
Matched cable pair 2.4 mm (m) to (m)
(recommended for data input of M8046A analyzer)
N4910A
Cable 2.92 mm (m) to 2.92 mm (m), 0.5 m
(recommended for clock input of M8046A analyzer)
M8046A-801
M8000 sync cable
(when using the system clock of M8045A for M8046A)
M8051A-801
Attenuator, 6 dB, 1.85 mm
8490G-006
DC block 2.4 mm
N9398F
Rack-mount kit for AXIe 5-slot chassis M9505A
Y1226A
Warranty, calibration and productivity services
Extended 5 year warranty Return-to-Keysight
R1280 (R-51B-001-5Z)
Calibration services (3 and 5 years)
R1282 (R50C-001-3/-5)
Productivity assistance
R1380-M8000
Related Keysight literature
Data sheets and configuration guides
J-BERT M8020A, Data Sheet
5991-3647EN
M8030A Multi-channel BERT, Data Sheet
5992-1287EN
M8062A 32 Gb/s Front-end, Data Sheet
5992-0987EN
N4877A and N1075A CDR/Demux, Data Sheet
5990-9949EN
M9505A AXIe Chassis 5-slot, Data Sheet
5990-6584EN
M8196A 92 GSa/s AWG, Data Sheet
5992-0971EN
N1085A PAM-4 Measurement Application for 86100D DCA-X Series, Data Sheet
5992-1248EN
N1076A/N1077A Clock recovery, Data Sheet
5992-1620EN
Application notes
Characterizing and verifying compliance of 100Gb Ethernet components and systems, Application Note
5992-0019EN
Default accessories included with shipment


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn