Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK09915C Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK09915C
Description  3-axis Electronic Compass
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09915C Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK09915C Datasheet HTML 1Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 2Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 3Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 4Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 5Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 6Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 7Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 8Page - Asahi Kasei Microsystems AK09915C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
[AK09915]
015006484-E-02
2016/7
- 1 -
1. General Description
AK09915 is 3-axis electronic compass IC with high sensitive Hall sensor technology.
Small package of AK09915 incorporates magnetic sensors for detecting terrestrial magnetism in the X-axis,
Y-axis, and Z-axis, a sensor driving circuit, signal amplifier chain, and an arithmetic circuit for processing the
signal from each sensor. Self-test function is also incorporated. From its compact foot print and thin package
feature, it is suitable for map heading up purpose in GPS-equipped smart phone and tablet to realize pedestrian
navigation function.
2. Features
 Functions:
 3-axis magnetometer device suitable for compass application
 Built-in A to D Converter for magnetometer data out
 16-bit data out for each 3-axis magnetic component
Sensitivity: 0.15 µT/LSB (typ.)
 Serial interface
I
2C bus interface
Standard, Fast and High-speed modes (up to 2.5 MHz) compliant with Philips I
2C
specification Ver.2.1
4-wire SPI
 Operation mode
Power-down, Single measurement, Continuous measurement and Self-test
 DRDY function for measurement data ready
 Magnetic sensor overflow monitor function
 Built-in oscillator for internal clock source
 Power on Reset circuit
 Self-test function with internal magnetic source
 Built-in Noise Suppression Filter (NSF)
 Selectable sensor drive
Low power drive / Low noise drive
 Built-in magnetic sensitivity adjustment circuit
 32 FIFO data buffer
 Operating temperatures:
-30˚C to +85˚C
 Operating supply voltage:
 Analog power supply
+1.7V to +3.6V
 Digital Interface supply
+1.65V to analog power supply voltage
 Current consumption:
 Power-down:
3 µA (typ.)
 Measurement:
Average current consumption at 100 Hz repetition rate
 Low power drive: 0.9 mA (typ.)
 Low noise drive: 1.8 mA (typ.)
 Package:
AK09915C 14-pin WL-CSP (BGA): 1.6 mm  1.6 mm  0.5 mm (typ.)
AK09915
3-axis Electronic Compass


Similar Part No. - AK09915C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK09915 AKM-AK09915 Datasheet
1Mb / 42P
   3-axis Electronic Compass
AK09915D AKM-AK09915D Datasheet
883Kb / 43P
   3-axis Electronic Compass
More results

Similar Description - AK09915C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com