Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-VX605N Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # PT-VX605N
Description  LCD Projectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-VX605N Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button PT-VX605N Datasheet HTML 2Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 3Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 4Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 5Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 6Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 7Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 8Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 9Page - Panasonic Semiconductor PT-VX605N Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Standard setting-up position
unit : mm (inch)
NOTE:
Illustrations show the projector
installed using optional ceiling mount
bracket ET-PKL100H and projector
mount bracket ET-PKV400B.
This illustration is not drawn to scale.
0.76 m
1.02 m
1.27 m
1.52 m
1.78 m
2.03 m
2.29 m
2.54 m
3.05 m
3.81 m
5.08 m
6.35 m
7.62 m
0.8
1.0
1.3
1.5
1.8
2.1
2.3
2.6
3.1
3.9
5.2
6.5
7.8
-0.01 − 0.19
-0.02 − 0.25
-0.02 − 0.31
-0.03 − 0.37
-0.03 − 0.44
-0.03 − 0.50
-0.04 − 0.56
-0.04 − 0.62
-0.05 − 0.75
-0.06 − 0.93
-0.08 − 1.25
-0.10 − 1.56
-0.13 − 1.87
30˝
40˝
50˝
60˝
70˝
80˝
90˝
100˝
120˝
150˝
200˝
250˝
300˝
/
/
/
/
/
/
/
/
/
/
/
/
/
(-0.04 − 0.61)
(-0.06 − 0.82)
(-0.07 − 1.02)
(-0.08 − 1.23)
(-0.10 − 1.43)
(-0.11 − 1.63)
(-0.12 − 1.84)
(-0.14 − 2.04)
(-0.16 − 2.45)
(-0.20 − 3.06)
(-0.27 − 4.08)
(-0.34 − 5.11)
(-0.41 − 6.13)
Projection size
[diagonal]
Projection distance [L]
Min [wide]
Max [telephoto]
P
Height from the edge of screen
to center of lens [H]
Projection distance for 16:9 aspect ratio screen
unit: meters (feet)
NOTE:
.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
c
s
n
e
l
m
o
o
z
e
h
t
n
o
g
n
i
d
n
e
p
e
d
y
l
t
h
g
il
s
s
e
i
r
a
v
)
n
e
e
r
c
s
o
t
e
c
n
a
t
s
i
d
(
L
r
o
f
e
u
l
a
v
e
h
T
• At the shortest projection distance, the zoom lens characteristics may cause slight image distortion.
Caution:
• All construction work should be done by a qualified technician.
• When mounting to the ceiling, use the special mounting bracket. To prevent the projector from dropping, attach
the wire that is included with the projector between the mounting bracket and the ceiling.
(2.5)
(3.3)
(4.2)
(5.1)
(5.9)
(6.8)
(7.6)
(8.5)
(10.2)
(12.8)
(17.1)
(21.4)
(25.7)
1.2
1.7
2.1
2.5
2.9
3.4
3.8
4.2
5.1
6.3
8.5
10.6
12.7
(4.1)
(5.5)
(6.9)
(8.3)
(9.6)
(11.0)
(12.4)
(13.8)
(16.6)
(20.8)
(27.7)
(34.7)
(41.6)
Upper edge of projected image
Lower edge of projected image
Projected image
L
L
L
Projected image
ø48.6
(1-29/32)
(6-1/8)
(6-1/8)
(2-25/32)
(2-25/32)
155.3
71
71
142
PT-
VX605N
LCD Projectors
As of August 2014
6/12
SFL14M025


Similar Part No. - PT-VX605N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-VX600 PANASONIC-PT-VX600 Datasheet
761Kb / 12P
   LCD Projectors
More results

Similar Description - PT-VX605N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
PT-EX800Z PANASONIC-PT-EX800Z Datasheet
2Mb / 16P
   LCD Projectors
PT-EZ580 PANASONIC-PT-EZ580 Datasheet
2Mb / 17P
   LCD Projectors
PT-EZ590 PANASONIC-PT-EZ590 Datasheet
1Mb / 14P
   LCD Projectors
PT-VZ575N PANASONIC-PT-VZ575N Datasheet
775Kb / 12P
   LCD Projectors
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
PT-EX520 PANASONIC-PT-EX520 Datasheet
2Mb / 13P
   LCD Projectors
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
PT-EW730Z PANASONIC-PT-EW730Z Datasheet
2Mb / 17P
   LCD Projectors
PT-LW312 PANASONIC-PT-LW312 Datasheet
376Kb / 9P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com