Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-VW530 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # PT-VW530
Description  LCD Projectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-VW530 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button PT-VW530 Datasheet HTML 4Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 5Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 6Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 7Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 8Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 9Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 10Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 11Page - Panasonic Semiconductor PT-VW530 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Installable angle
Install the projector at an angle within the range shown below.
• Vertical direction
The projector may be installed at a vertical
• Horizontal direction
The projector may be installed at a horizontal
H
(Width of
projected image)
Standard postition
of projected image
Shift range
Optical axis shift function allows to shift the position of a projected image as shown below.
• Floor mount
H
(Width of
projected image)
Standard postition
of projected image
• Ceiling mount
angle of 30°.
angle of 15°.
PT-
VW530
LCD Projectors
As of August 2014
8/12
SFL14M024


Similar Part No. - PT-VW530

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
More results

Similar Description - PT-VW530

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
PT-EX800Z PANASONIC-PT-EX800Z Datasheet
2Mb / 16P
   LCD Projectors
PT-EZ580 PANASONIC-PT-EZ580 Datasheet
2Mb / 17P
   LCD Projectors
PT-EZ590 PANASONIC-PT-EZ590 Datasheet
1Mb / 14P
   LCD Projectors
PT-VX605N PANASONIC-PT-VX605N Datasheet
778Kb / 12P
   LCD Projectors
PT-VZ575N PANASONIC-PT-VZ575N Datasheet
775Kb / 12P
   LCD Projectors
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
PT-EX520 PANASONIC-PT-EX520 Datasheet
2Mb / 13P
   LCD Projectors
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
PT-EW730Z PANASONIC-PT-EW730Z Datasheet
2Mb / 17P
   LCD Projectors
PT-LW312 PANASONIC-PT-LW312 Datasheet
376Kb / 9P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com