Electronic Components Datasheet Search |
|
iW1677-05 Datasheet(PDF) 9 Page - Dialog Semiconductor |
|
iW1677-05 Datasheet(HTML) 9 Page - Dialog Semiconductor |
9 / 16 page iW1677 Low-Power Off-Line Digital Green-Mode PWM Controller Rev. 2.0 Datasheet © 2016 Dialog Semiconductor www.dialog-semiconductor.com 9 of 16 3-June-2016 9.2 Start-up Refer to Figure 3.1 and Figure 3.2 for active start-up circuits using external depletion NFET and BJT respectively. Prior to start-up, the depletion NFET or the BJT is turned on, allowing the start-up current to charge the VCC bypass capacitor. When the VCC bypass capacitor is charged to a voltage higher than the start-up threshold VCC(ST), the ENABLE signal becomes active and the iW1677 commences soft start function. During this start-up process an adaptive soft-start control algorithm is applied, where the initial output pulses will be small and gradually get larger until the full pulse width is achieved. The peak current is limited cycle by cycle by the IPEAK comparator. If at any time the VCC voltage drops below undervoltage lockout (UVLO) threshold VCC(UVL) then the iW1677 goes to shutdown. At this time ENABLE signal becomes low and the VCC capacitor begins to charge up again towards the start-up threshold to initiate a new soft-start process. While the ENABLE signal initiates the soft-start process, it also pulls down the ASU pin voltage at the same time, which turns off the depletion NFET or the BJT, thus minimizing the no-load standby power consumption. For the active start-up scheme in Figure 3.2, the start-up resistors connected between the base of the BJT and DC input still conduct current after start-up is finished. Their resistance needs to be large enough to minimize no-load power consumption, meanwhile the BJT with ample gain should be selected in order to obtain a sufficient charge current for a fast start-up. VCC VCC(ST) ENABLE Start-up Sequencing ASU Figure 9.1 : Start-up Sequencing Diagram 9.3 Understanding Primary Feedback Figure 9.2 illustrates a simplified flyback converter. When the switch Q1 conducts during tON(t), the current ig(t) is directly drawn from rectified sinusoid vg(t). The energy Eg(t) is stored in the magnetizing inductance LM. The rectifying diode D1 is reverse biased and the load current IO is supplied by the secondary capacitor CO. When Q1 turns off, D1 conducts and the stored energy Eg(t) is delivered to the output. + vin(t) TS(t) IO VO D1 Q1 N:1 VAUX CO vg(t) ig(t) + – iin(t) id(t) Figure 9.2 : Simplified Flyback Converter |
Similar Part No. - iW1677-05 |
|
Similar Description - iW1677-05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |