Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA7219 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 40Page - Dialog Semiconductor DA7219 Datasheet HTML 41Page - Dialog Semiconductor DA7219 Datasheet HTML 42Page - Dialog Semiconductor DA7219 Datasheet HTML 43Page - Dialog Semiconductor DA7219 Datasheet HTML 44Page - Dialog Semiconductor DA7219 Datasheet HTML 45Page - Dialog Semiconductor DA7219 Datasheet HTML 46Page - Dialog Semiconductor DA7219 Datasheet HTML 47Page - Dialog Semiconductor DA7219 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
44 of 123
© 2015 Dialog Semiconductor
9.5.2
Detection of jack insertion or removal
Whenever a jack is inserted, a jack insertion event is flagged by e_jack_inserted getting set to1.
Similarly, a jack removal event is flagged by e_jack_removed getting set to1.
The presence or absence of a jack is recorded in jack_insertion_sts.
Any jack insertion will be detected, and is recorded by the setting of jack_insertion_sts. The register
field jack_insertion_sts = 1 if a jack has been inserted, and jack_insertion_sts = 0 if no jack has been
inserted.
Jack detection latency, that is, the time from an e_jack_insertion event to the point where
e_jack_detect_complete is asserted, is configurable using jack_detect_rate. The jack detection
latency times are different for three-pole and four-pole jacks, and are listed in
Table 22: Jack detection latency timings controlled by jack_detect_rate
jack_detect_rate
value
Three-pole jacks
(ms)
Four-pole jacks
(ms)
00
32
64
01
64
128
10
128
256
11
256
512
Debouncing is avaliable on jack insertion and removal events. Debounce on jack insertion is
specified using jackdet_debounce, and on jack removal using jackdet_rem_deb. The debounce times
are listed in Table 31 and Table 32.
Table 31: Debounce settings for jack insertion events
jackdet_debounce
Debounce time (ms)
000
5
001
10
010
20 (default)
011
50
100
100
101
200
110
500
111
1
Table 32: Debounce settings for jack removal events
jackdet_rem_deb
Debounce time (ms)
00
1 (default)
01
5
10
10
11
20
The jack insertion, jack removal, and jack complete interrupts can be masked using the register fields
in the ACCDET_IRQ_MASK_A register. The jack insertion interrupt is masked by setting
m_jack_inserted = 1, the jack removal interrupt is masked by setting m_jack_removed = 1, and the
jack detection complete interrupt is masked by setting m_jack_detect_complete = 1. These masking
fields mask the interrupt signals, but do not prevent updating of the event fields or the status fields
previously described.


Similar Part No. - DA7219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
   Audio Codec with Advanced Accessory Detect
24-Dec-2021
DA7219-02VB6 RENESAS-DA7219-02VB6 Datasheet
1Mb / 129P
   Audio Codec with Advanced Accessory Detect
24-Dec-2021
DA7219-02VBA RENESAS-DA7219-02VBA Datasheet
1Mb / 129P
   Audio Codec with Advanced Accessory Detect
24-Dec-2021
More results

Similar Description - DA7219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
   Audio Codec with Advanced Accessory Detect
24-Dec-2021
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
logo
NXP Semiconductors
UDA1343TT PHILIPS-UDA1343TT Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com