Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14582 Datasheet(PDF) 71 Page - Dialog Semiconductor

Part # DA14582
Description  Low Power Bluetooth Smart SoC with Audio Codec
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 71 Page - Dialog Semiconductor

Back Button DA14582 Datasheet HTML 67Page - Dialog Semiconductor DA14582 Datasheet HTML 68Page - Dialog Semiconductor DA14582 Datasheet HTML 69Page - Dialog Semiconductor DA14582 Datasheet HTML 70Page - Dialog Semiconductor DA14582 Datasheet HTML 71Page - Dialog Semiconductor DA14582 Datasheet HTML 72Page - Dialog Semiconductor DA14582 Datasheet HTML 73Page - Dialog Semiconductor DA14582 Datasheet HTML 74Page - Dialog Semiconductor DA14582 Datasheet HTML 75Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 177 page
background image
© 2015 Dialog Semiconductor
70
Preliminary - March 11, 2015 v2.0
4
R
UART_CTS
Clear to Send.
This is used to indicate the current state of the modem control
line cts_n. This bit is the complement of cts_n. When the
Clear to Send input (cts_n) is asserted it is an indication that
the modem or data set is ready to exchange data with the
UART Ctrl.
0 = cts_n input is de-asserted (logic 1)
1 = cts_n input is asserted (logic 0)
In Loopback Mode (MCR[4] = 1), CTS is the same as MCR[1]
(RTS).
0x0
3
R
UART_DDCD
Delta Data Carrier Detect.
This is used to indicate that the modem control line dcd_n has
changed since the last time the MSR was read.
0 = no change on dcd_n since last read of MSR
1 = change on dcd_n since last read of MSR
Reading the MSR clears the DDCD bit. In Loopback Mode
(MCR[4] = 1), DDCD reflects changes on MCR[3] (Out2).
Note, if the DDCD bit is not set and the dcd_n signal is
asserted (low) and a reset occurs (software or otherwise),
then the DDCD bit is set when the reset is removed if the
dcd_n signal remains asserted.
0x0
2
R
UART_TERI
Trailing Edge of Ring Indicator.
This is used to indicate that a change on the input ri_n (from
an active-low to an inactive-high state) has occurred since the
last time the MSR was read.
0 = no change on ri_n since last read of MSR
1 = change on ri_n since last read of MSR
Reading the MSR clears the TERI bit. In Loopback Mode
(MCR[4] = 1), TERI reflects when MCR[2] (Out1) has
changed state from a high to a low.
0x0
1
-
-
Reserved
0x0
0
R
UART_DCTS
Delta Clear to Send.
This is used to indicate that the modem control line cts_n has
changed since the last time the MSR was read.
0 = no change on cts_n since last read of MSR
1 = change on cts_n since last read of MSR
Reading the MSR clears the DCTS bit. In Loopback Mode
(MCR[4] = 1), DCTS reflects changes on MCR[1] (RTS).
Note, if the DCTS bit is not set and the cts_n signal is
asserted (low) and a reset occurs (software or otherwise),
then the DCTS bit is set when the reset is removed if the
cts_n signal remains asserted.
0x0
Table 102: UART_MSR_REG (0x50001018)
Bit
Mode
Symbol
Description
Reset
Table 103: UART_SCR_REG (0x5000101C)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x0
7:0
R/W
UART_SCRATCH_PA
D
This register is for programmers to use as a temporary stor-
age space. It has no defined purpose in the UART Ctrl.
0x0
Table 104: UART_LPDLL_REG (0x50001020)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x0


Similar Part No. - DA14582

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
logo
Dialog Semiconductor
DA14582-01KA1 DIALOG-DA14582-01KA1 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14582-01KA2 DIALOG-DA14582-01KA2 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
More results

Similar Description - DA14582

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
DA14581 DIALOG-DA14581 Datasheet
1Mb / 152P
   Low Power Bluetooth Smart SoC with optimized boot time
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
   Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com