Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9210-XXFN2-A Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # DA9210-XXFN2-A
Description  Multi-Phase 12 A DC-DC Buck Converter
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210-XXFN2-A Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button DA9210-XXFN2-A Datasheet HTML 3Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 4Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 5Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 6Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 7Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 8Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 9Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 10Page - Dialog Semiconductor DA9210-XXFN2-A Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.0
09-Sep-2016
CFR0011-120-00
7 of 90
© 2016 Dialog Semiconductor
2
Pinout
2.1
Pin Configuration (48 WLCSP)
Figure 2: Connection Diagram (48 WLCSP)
Table 1 Pin Description (48 WLCSP)
Pin No.
Pin Nam e
Alternate
Function
Type
Description
A1, B2, B4
LX1
AO
Sw itching node for phase 1
J1, H2, H4
LX2
AO
Sw itching node for phase 2
A13, B10, B12
LX3
AO
Sw itching node for phase 3
J13, H10, H12
LX4
AO
Sw itching node for phase 4
A3, A5
VDD1
PS
Supply voltage for phase 1
To be connected to VSYS
J3, J5
VDD2
PS
Supply voltage for phase 2
To be connected to VSYS
A9, A11
VDD3
PS
Supply voltage for phase 3
To be connected to VSYS
J9, J11
VDD4
PS
Supply voltage for phase 4
To be connected to VSYS
C13
EN_CHIP
DI
IC Enable Signal
C1
OC_PG
nIRQ
DO
Output for Over Current Alarm
and Pow er Good signal, IRQ
line tow ards the host
G13
VDD_IO
PS
I/O voltage rail
E1
VOUT_SENSE
AI
Output and sense node for the
buck


Similar Part No. - DA9210-XXFN2-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9210-xxFN2-A DIALOG-DA9210-xxFN2-A Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
More results

Similar Description - DA9210-XXFN2-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3125 FOSLINK-FSP3125 Datasheet
272Kb / 9P
   150KHZ竊?A PWM BUCK DC/DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com