Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA7202-00UH2 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA7202-00UH2
Description  10 W Mono Class-D Amplifier for 2S Battery Devices
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7202-00UH2 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA7202-00UH2 Datasheet HTML 1Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 2Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 3Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 4Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 5Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 6Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 7Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 8Page - Dialog Semiconductor DA7202-00UH2 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery Devices
Company confidential
Datasheet
Revision 3a
20-Aug-2015
CFR0011-120-00 Rev 5
1 of 25
© 2015 Dialog Semiconductor
General description
DA7202 is a powerful, high efficiency, low EMI Class-D speaker driver that can drive 10 W into 4 Ω
loads directly from a 2S lithium ion battery pack.
DA7202 is a standalone high performance mono Class-D audio amplifier targeted at powering a
variety of two cell portable applications such as Ultrabooks™ and tablets.
It uses a fully-differential switched mode amplifier architecture with a fixed +18 dB gain, with
differential analogue inputs. It also has a PWM modulator and an H-bridged switched power output
stage that delivers 8 W into an 8 Ω load, making a speaker sound louder on portable devices.
The DA7202 can be directly connected between the two-cell battery and the speaker. Noise
suppression circuitry to reduce audible pops and clicks at the speaker output is also included.
Available as a 9-bump WL-CSP package with 0.5 mm pitch that is suited to low cost PCB
technology, it is ideal for portable applications that require small footprints.
Key features
PRMS: 3.8 W into 8 Ω load
at 8.2 V, 1% THD+N
Efficiency: 90% @ POUT = 3.5 W
at 8.2 V, 8 Ω and 85%@POUT = 7.0 W
at 8.2 V, 4 Ω
Supports 4 Ω and 8 Ω loads
SNR (A-weighted) 104 dB
THD+N: 90 dB @ 3.0 W, 8.2 V, 8 Ω
PSRR: 78 dB
Auto-Shutdown/Start-up: <3.5 ms
Ultra low standby current: 7 µA
Short-Circuit & Thermal-Overload Protection
with auto recovery
Wide supply voltage range 4.5 to 9.0 V
9-bump WL-CSP with 0.5 mm pitch
2S battery pack
Applications
Tablets
Personal navigation devices
Ultrabooks™
Speaker accessories
Handheld gaming devices


Similar Part No. - DA7202-00UH2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7202-00UH2 RENESAS-DA7202-00UH2 Datasheet
793Kb / 29P
   10 W Mono Class-D Amplifier for 2S Battery Devices
23-Dec-2021
More results

Similar Description - DA7202-00UH2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7202 RENESAS-DA7202 Datasheet
793Kb / 29P
   10 W Mono Class-D Amplifier for 2S Battery Devices
23-Dec-2021
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com