Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE88CN4002P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE88CN4002P
Description  32-Bit Security Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE88CN4002P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE88CN4002P Datasheet HTML 1Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 2Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 3Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 4Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 5Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 6Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 7Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 8Page - Infineon Technologies AG SLE88CN4002P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SLE 88CF4000P
Short Product Information
3 / 9
12.2009
General Features
Dedicated 32-bit smartcard core designed in cost-optimized 0.13 µm technology
Pipelined 32-Bit RISC CPU with proprietary instruction set
Specific instructions for Virtual Machine implementation like Java Card
Ultra low power consumption design
Very fast Task Switching supported by hardware mechanism for pre-emptive
multitasking support
Maximum performance
CPU supplied by 2 Cache Memories for fast instruction fetch and data access
Internal clock generation up to 66 MHz
Intelligent Power Manager which adjusts automatically and efficiently the internal
clock according to a dedicated power class
Secure multi-application with Memory Management and Protection Unit (MMU)
256 packages separated and secured by hardware firewalls
Data and code access controlled by hardware
Memory and peripherals access managed with hardware supervisor components
Memory
400 kBytes EEPROM with Flash functionality and free partitioning between code
and data
16 kBytes RAM for local variables, buffers, and stacks
Memories encrypted by MED (Memory Encryption/Decryption) device
Memories protected by Hardware Error Correction Code
Interfaces
Smartcard UART for handling serial interface in accordance with ISO/IEC 7816 part3
supporting transmission protocols T=1 and T=0, Support of clock division factor
of 16 (PPS96)


Similar Part No. - SLE88CN4002P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE88CFX4000P INFINEON-SLE88CFX4000P Datasheet
208Kb / 10P
   Security & Chip Card ICs
2003.04
SLE88CFX4002P INFINEON-SLE88CFX4002P Datasheet
255Kb / 10P
   Security & Chip Card ICs
2004.01
SLE88CX720P INFINEON-SLE88CX720P Datasheet
54Kb / 8P
   Security & Chip Card ICs????
2003.06
More results

Similar Description - SLE88CN4002P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
   SECURITY SYSTEM CONTROLLER
logo
Fairchild Semiconductor
FM3580 FAIRCHILD-FM3580 Datasheet
107Kb / 11P
   5-Bit VID Controller with PC Security Element
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
logo
Epson Company
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com