Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV70514MW007R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV70514MW007R2G
Description  Micro-stepping Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV70514MW007R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV70514MW007R2G Datasheet HTML 1Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 2Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 3Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 4Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 5Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 6Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 7Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 8Page - ON Semiconductor NCV70514MW007R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NCV70514
www.onsemi.com
4
PACKAGE AND PIN DESCRIPTION
MOTXP
VBB
STEP0
STEP1
CSB
NC
2
3
4
1
6
7
8
5
29
30
31
32
25
26
27
28
NC
DIR
RHB
NXT
21
22
23
24
19
20
17
18
10
11
12
9
14
15
16
13
QFN32 5x5
MOTXP
VBB
MOTYP
MOTYP
VBB
VBB
Figure 3. Pin Connections – QFN32 5x5
Table 2. PIN DESCRIPTION
Pin No.
QFN32 5x5
Pin Name
Description
I/O Type
1, 2
MOTXP
Positive end of phase X coil
Driver output
3, 4, 21, 22
VBB
Battery voltage supply
Supply
5, 20
NC
Not Connected
6
STEP0
Step mode selection input 0
Digital Input
7
STEP1
Step mode selection input 1
Digital Input
8
CSB
SPI chip select input
Digital Input
9
DI
SPI data input
Digital Input
10
DO
SPI data output (Open Drain)
Digital Output
11
ERRB
Error Output (Open Drain)
Digital Output
12
VDD
Internal supply (needs external decoupling capacitor)
Supply
13
GND
Ground
Supply
14
TST1
Test pin input (to be tied to ground in normal operation)
Digital Input
15
TST2
Test pin input (to be tied to ground in normal operation)
Digital Input
16
CLK
SPI clock input
Digital Input
17
NXT
Next micro−step input
Digital Input
18
RHB
Run/Hold Current selection input
Digital Input
19
DIR
Direction input
Digital Input
23, 24
MOTYP
Positive end of phase Y coil
Driver output
25, 26, 31, 32
GNDP
Ground
Supply
27, 28
MOTYN
Negative end of phase Y coil
Driver output
29, 30
MOTXN
Negative end of phase X coil
Driver output


Similar Part No. - NCV70514MW007R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV70514MW007R2G ONSEMI-NCV70514MW007R2G Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
More results

Similar Description - NCV70514MW007R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com