Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV70514 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV70514
Description  Micro-stepping Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV70514 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV70514_16 Datasheet HTML 1Page - ON Semiconductor NCV70514_16 Datasheet HTML 2Page - ON Semiconductor NCV70514_16 Datasheet HTML 3Page - ON Semiconductor NCV70514_16 Datasheet HTML 4Page - ON Semiconductor NCV70514_16 Datasheet HTML 5Page - ON Semiconductor NCV70514_16 Datasheet HTML 6Page - ON Semiconductor NCV70514_16 Datasheet HTML 7Page - ON Semiconductor NCV70514_16 Datasheet HTML 8Page - ON Semiconductor NCV70514_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
NCV70514
www.onsemi.com
2
TYPICAL APPLICATION SCHEMATIC
The application schematic below shows typical connections for applications with low axis counts and/or with software SPI
implementation. For applications with many stepper motor drivers, some “minimal wiring” examples are shown at the last
sections of this datasheet.
NCV70514
ERRB
GND
CSB
CLK
DI
DO
NXT
DIR
MOTXP
MOTXN
MOTYP
MOTYN
M
VBAT
VBB
100 uF
C2
C1
100 nF
uC
D1
VDD
R1
R2
RHB
C3
100 nF
STEP1
STEP0
C4
100 nF
VBB
VDD
TST2
TST1
C5
C6
C7
C8
R3
R4
R11
R5
R6
R7
R8
R9
R12
R10
Figure 1. Typical Application Schematic
Table 1. EXTERNAL COMPONENTS
Component
Function
Typ. Value
Max Tolerance
Unit
C1
VBB buffer capacitor (Note 1)
22 ... 100
±20%
mF
C2, C3
VBB decoupling capacitor (Note 2)
100
±20%
nF
C4
VDD decoupling capacitor (Note 3)
100
±20%
nF
C5, C6, C7, C8
Optional EMC filtering capacitor (Note 4)
1 ... 3.3 max
±20%
nF
R1, R2
Pull up resistor
1..5
±10%
k
W
R3 – R10
Optional resistors
1
±10%
k
W
R11, R12
Optional resistors (Note 5)
100
±10%
W
D1
Optional reverse protection diode
e.g. MURD530
1. Low ESR < 4
W, mounted as close as possible to the NCV70514. Total decoupling capacitance value has to be chosen properly to reduce
the supply voltage ripple and to avoid EM emission.
2. C2 and C3 must be close to pins VBB and coupled GND directly.
3. C4 must be a ceramic capacitor to assure low ESR.
4. Optional capacitors for improvement of EMC and system ESD performance. The slope times on motor pins can be longer than specified
in the AC table.
5. Value depends on characteristics of
mC inputs for DO and ERRB signals.


Similar Part No. - NCV70514_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
More results

Similar Description - NCV70514_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com