Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7710 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7710
Description  Door-Module Driver-IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7710 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7710 Datasheet HTML 1Page - ON Semiconductor NCV7710 Datasheet HTML 2Page - ON Semiconductor NCV7710 Datasheet HTML 3Page - ON Semiconductor NCV7710 Datasheet HTML 4Page - ON Semiconductor NCV7710 Datasheet HTML 5Page - ON Semiconductor NCV7710 Datasheet HTML 6Page - ON Semiconductor NCV7710 Datasheet HTML 7Page - ON Semiconductor NCV7710 Datasheet HTML 8Page - ON Semiconductor NCV7710 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCV7710
www.onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Pin Type
Description
1
GND
Ground
Ground Supply (all GND pins have to be connected externally)
2
n.c.
Not connected
3
n.c.
Not connected
4
n.c.
Not connected
5
n.c.
Not connected
6
n.c.
Not connected
7
VS
Supply
Battery Supply Input (all VS pins have to be connected externally)
8
SI
Digital Input
SPI interface Serial Data Input
9
ISOUT/PWM2
Digital Input /
Analog Output
PWM control Input / Current Sense Output. This pin is a bidirectional pin.
Depending on the selected multiplexer bits, an image of the instant current
of the corresponding HS stage can be read out.
This pin can also be used as PWM control input pin for OUT2.
10
CSB
Digital Input
SPI interface Chip Select
11
SO
Digital Output
SPI interface Serial Data Output
12
VCC
Supply
Logic Supply Input
13
SCLK
Digital Input
SPI interface Shift Clock
14
VS
Supply
Battery Supply Input (all VS pins have to be connected externally)
15
VS
Supply
Battery Supply Input (all VS pins have to be connected externally)
16
OUT1
Half bridge driver Output
Door Lock Output (has to be connected externally to pin 17)
17
OUT1
Half bridge driver Output
Door Lock Output (has to be connected externally to pin 16)
18
GND
Ground
Ground Supply (all GND pins have to be connected externally)
19
GND
Ground
Ground Supply (all GND pins have to be connected externally)
20
OUT2
Half bridge driver Output
Door Lock Output (has to be connected externally to pin 21)
21
OUT2
Half bridge driver Output
Door Lock Output (has to be connected externally to pin 20)
22
n.c.
Not connected
23
VS
Supply
Battery Supply Input (all VS pins have to be connected externally)
24
VS
Supply
Battery Supply Input (all VS pins have to be connected externally)
25
VS/TEST
Supply/Test Input
Test Input, has to be connected to VS in application
26
CHP
Analog Output
Reverse Polarity FET Control Output
27
PWM1
Digital Input
PWM control Input
28
n.c.
Not connected
29
n.c.
Not connected
30
n.c.
Not connected
31
n.c.
Not connected
32
n.c.
Not connected
33
n.c.
Not connected
34
n.c.
Not connected
35
n.c.
Not connected
36
n.c.
Not connected
Heat slug
Ground
Substrate; Heat slug has to be connected to all GND pins


Similar Part No. - NCV7710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710DQR2G ONSEMI-NCV7710DQR2G Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
More results

Similar Description - NCV7710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
   Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
logo
Infineon Technologies A...
TLE8201R INFINEON-TLE8201R Datasheet
598Kb / 45P
   Door Module Power IC
Rev. 2.0 2006-06-07
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
   DOOR ACTUATOR DRIVER
July 2004 REV. 3
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
   Mirror-Module Driver-IC
January, 2016 ??Rev. 0
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com