Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7708F Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7708F
Description  Double Hex Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7708F Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7708F_16 Datasheet HTML 1Page - ON Semiconductor NCV7708F_16 Datasheet HTML 2Page - ON Semiconductor NCV7708F_16 Datasheet HTML 3Page - ON Semiconductor NCV7708F_16 Datasheet HTML 4Page - ON Semiconductor NCV7708F_16 Datasheet HTML 5Page - ON Semiconductor NCV7708F_16 Datasheet HTML 6Page - ON Semiconductor NCV7708F_16 Datasheet HTML 7Page - ON Semiconductor NCV7708F_16 Datasheet HTML 8Page - ON Semiconductor NCV7708F_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCV7708F
www.onsemi.com
4
MAXIMUM RATINGS
Rating
Value
Unit
Power Supply Voltage (VS1, VS2)
(DC)
(AC), t < 500 ms, Ivsx > −2 A
−0.3 to 40
−1.0
V
Output Pin OUTHx
(DC)
(AC – inductive clamping)
−0.3 to 40
−8.0
V
Output Pin OUTLx
(DC)
(AC), t < 500 ms, IOUTLx > −2 A
(AC Inductive Clamping)
−0.3 to 36
−1.0
45
V
Pin Voltage (Logic Input pins, SI, SCLK, CSB, SO, EN, VCC)
−0.3 to 5.5
V
Output Current (OUTL1, OUTL2, OUTL3, OUTL4, OUTL5, OUTL6, OUTH1, OUTH2, OUTH3, OUTH4,
OUTH5, OUTH6)
(DC) Vds = 12 V
(DC) Vds = 20 V
(DC) Vds = 40 V
(AC) Vds = 12 V, (50 ms pulse, 1 s period)
(AC) Vds = 20 V, (50 ms pulse, 1 s period)
(AC) Vds = 40 V, (50 ms pulse, 1 s period)
−1.5 to 1.5
−0.7 to 0.7
−0.25 to 0.25
−2.0 to 2.0
−0.9 to 0.9
−0.3 to 0.3
A
Electrostatic Discharge, Human Body Model, VS1, VS2, OUTx (Note 1)
4.0
kV
Electrostatic Discharge, Human Body Model, all other pins
2.0
kV
Electrostatic Discharge, Machine Model
200
V
Electrostatic Discharge, Charged Device Model
1.0
kV
Short Circuit Reliability Characterization (AEC−Q10x)
GRADE A
Operating Junction Temperature
−40 to 150
°C
Storage Temperature Range
−55 to 150
°C
Moisture Sensitivity Level
SOIC−28
SSOP−24 EPAD
MSL 3
MSL 2
Peak Reflow Soldering Temperature: Pb−Free, 60 to 150 seconds at 217
°C (Note 2)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Tested with a VS1/VS2 power supply common point.
2. For additional information, please see or download the ON Semiconductor Soldering and Mounting Techniques Reference Manual,
SOLDERRM/D.
THERMAL CONDITIONS
Thermal Parameters
Test Conditions, Typical Value
Unit
Board Details (Note 3)
Board Details (Note 4)
SOIC−28
Junction−to−Lead (psi−JL8,
YJL8) or Pins 6−9, 20−23
10
11
°C/W
Junction−to−Ambient (RqJA, qJA)
78
63
°C/W
SSOP−24 EPAD
Junction−to−Board (RYB)
2
°C/W
Junction−to−Ambient (RqJA)
54
°C/W
Junction−to−Lead (RYJL)
7
°C/W
3. 1−oz copper, 240 mm2 copper area, 0.062
″ thick FR4. This is the minimum pad board size.
4. 1−oz copper, 986 mm2 copper area, 0.062
″ thick FR4.


Similar Part No. - NCV7708F_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7708F ONSEMI-NCV7708F_17 Datasheet
154Kb / 22P
   Double Hex Driver
January, 2017 ??Rev. 3
More results

Similar Description - NCV7708F_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7708E ONSEMI-NCV7708E Datasheet
131Kb / 16P
   Double Hex Driver
June, 2014 ??Rev. 1
NCV7708 ONSEMI-NCV7708 Datasheet
137Kb / 16P
   Double Hex Driver
October, 2006 ??Rev. 1
NCV7708B ONSEMI-NCV7708B Datasheet
199Kb / 16P
   Double Hex Driver
May, 2010 ??Rev. 1
NCV7708F ONSEMI-NCV7708F_17 Datasheet
154Kb / 22P
   Double Hex Driver
January, 2017 ??Rev. 3
NCV7708A ONSEMI-NCV7708A Datasheet
138Kb / 16P
   Double Hex Driver
March, 2007 ??Rev. 0
NCV7708F ONSEMI-NCV7708F Datasheet
156Kb / 22P
   Double Hex Driver
November, 2015 ??Rev. 0
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
logo
Rohm
BA6267 ROHM-BA6267 Datasheet
36Kb / 3P
   Hex buffer / driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com