Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7240BDPR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7240BDPR2G
Description  Octal Low-Side Relay Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7240BDPR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7240BDPR2G Datasheet HTML 3Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 4Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 5Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 6Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 7Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 8Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 9Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 10Page - ON Semiconductor NCV7240BDPR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NCV7240, NCV7240A, NCV7240B
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (3.0 V < VDD < VDDA, 4.5 V < VDDA (Note 7) < 5.5 V, −40
°C v TJ v 150°C, EN = VDD,
LHI = 0 V unless otherwise specified).
Characteristic
Unit
Max
Typ
Min
Conditions
OUTPUT TIMING SPECIFICATIONS
Serial Control
Output turn−on time
All Channels
CSB going high 80% to OUTx going low
20% Vbat ,Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Serial Control
Output turn−off time
All Channels
CSB going high 80% to OUTx going high
80% Vbat, Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Parallel Control
Output turn−on time
All Channels
INx going high 80% to OUTx going low
20% Vbat, Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Parallel Control
Output turn−off time
All Channels
Inx going low 20% to OUTx going high
80% Vbat, Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Over Load Shut−Down Delay Time
3
15
50
ms
Open Load Detection Time
30
115
200
ms
DIGITAL INTERFACE CHARACTERISTICS
INPUT CHARACTERISTICS
Digital Input Threshold
(CSB, SI, SCLK, LHI, EN,INx)
0.8
1.4
2.0
V
Digital Input Hysteresis
(CSB, SI, SCLK, INx)
50
175
300
mV
Digital Input Hysteresis
(LHI, EN)
150
400
800
mV
Input Pulldown Resistance
(SI, SCLK, LHI, EN,INx)
Inx = SI = SCLK = LHI = EN = VDD
50
120
190
k
W
Input Pullup Resistance (CSB)
CSB = 0 V
50
120
190
k
W
CSB Leakage to VDD
CSB = 5 V, VDD = 0 V
100
uA
CSB Leakage to VDDA
CSB = 5 V, VDDA = 0 V
100
uA
OUTPUT CHARACTERISTICS
SO – Output High
I(out) = −1.5 mA
VDD
0.4
V
SO – Output Low
I(out) = 2.0 mA
0.6
V
SO Tri−state Leakage
CSB = VDD
−3
0
3
mA
SPI TIMING (all timing specifications measured at 20% and 80% voltage levels)
SCLK Frequency
5
MHz
SCLK Clock Period
200
ns
SCLK High Time
Figure 5, #1
85
ns
SCLK Low Time
Figure 5, #2
85
ns
SI Setup Time
Figure 5, #11
50
ns
SI Hold Time
Figure 5, #12
50
ns
CSB Setup Time
Figure 5, #5, 6
100
ns
CSB High Time
Figure 5, #7
1.5
ms
SCLK Setup Time
Figure 5, #3, 4
85
ns
SO Output Enable Time
(CSB falling to SO valid)
Figure 5, #8, Cload = 50 pF
Not ATE tested
200
ns
SO Output Disable Time
(CSB rising to SO tri−state)
Figure 5, #9
Not ATE tested
200
ns
SO Output Data Valid Time with capacitive load
Figure 5, #10, Cload = 50 pF
Not ATE tested
100
ns


Similar Part No. - NCV7240BDPR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240BDPR2G ONSEMI-NCV7240BDPR2G Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
More results

Similar Description - NCV7240BDPR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754 Datasheet
373Kb / 26P
   Octal Low-Side Relay Driver
February, 2015 ??Rev. 1
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com