Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7240 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7240
Description  Octal Low-Side Relay Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7240 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7240 Datasheet HTML 1Page - ON Semiconductor NCV7240 Datasheet HTML 2Page - ON Semiconductor NCV7240 Datasheet HTML 3Page - ON Semiconductor NCV7240 Datasheet HTML 4Page - ON Semiconductor NCV7240 Datasheet HTML 5Page - ON Semiconductor NCV7240 Datasheet HTML 6Page - ON Semiconductor NCV7240 Datasheet HTML 7Page - ON Semiconductor NCV7240 Datasheet HTML 8Page - ON Semiconductor NCV7240 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© Semiconductor Components Industries, LLC, 2016
September, 2016 − Rev. 8
1
Publication Order Number:
NCV7240/D
NCV7240, NCV7240A,
NCV7240B
Octal Low-Side
Relay Driver
The NCV7240 is an automotive eight channel low−side driver
providing drive capability up to 600 mA per channel. Output control is
via a SPI port and offers convenient reporting of faults for open load
(or short to ground), over load, and over temperature conditions.
Additionally, parallel control of the outputs is addressable (in pairs)
via the INx pins.
A dedicated limp−home mode pin (LHI) enables OUT1−OUT4
while disabling OUT5−OUT8.
Each output driver is protected for over load current and includes an
output clamp for inductive loads.
The NCV7240 is available in a SSOP−24 fused lead package.
Features
8 Channels
600 mA Low−Side Drivers
RDS(on) 1.5
W (Typ), 3 W (Max)
16−bit SPI Control
Frame Error Detection (8−bit)
Daisy Chain Capable
Parallel Input Pins for PWM operation
Power Up Without Open Circuit Detection Active (for LED
applications)
Low Quiescent Current in Sleep and Standby Modes
Limp Home Functionality
3.3 V and 5 V compatible Digital Input Supply Range
Fault Reporting
Open Load Detection (selectable)
Over Load
Over Temperature
Power−on Reset (VDD, VDDA)
SSOP−24 Package (internally fused leads)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Automotive Body Control Unit
Automotive Engine Control Unit
Relay Drive
LED Drive
Stepper Motor Driver
SSOP−24
CASE 565AL
MARKING
DIAGRAM
www.onsemi.com
NCV7240x
AWLYWWG
NCV7240x = Specific Device Code
(x = blank, A or B)
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 26 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCV7240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240 Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240ADPR2G ONSEMI-NCV7240ADPR2G Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240BDPR2G ONSEMI-NCV7240BDPR2G Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
More results

Similar Description - NCV7240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754 Datasheet
373Kb / 26P
   Octal Low-Side Relay Driver
February, 2015 ??Rev. 1
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com