Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSE0848S24 Datasheet(PDF) 3 Page - XP Power Limited

Part # JSE0848S24
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JSE0848S24 Datasheet(HTML) 3 Page - XP Power Limited

  JSE0848S24 Datasheet HTML 1Page - XP Power Limited JSE0848S24 Datasheet HTML 2Page - XP Power Limited JSE0848S24 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JSE08 Series
www.xppower.com
DC-DC Converter
3
14 Mar 16
1. All dimensions are in inches (mm)
2. Weight: 0.013 lbs (6.1 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Mechanical Details
Application Notes
-40
0
Ambient Temperature (°C)
100
50
105
70
80
Derating Curve
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
±8 kV air discharge, ±6 kV contact
A
Radiated
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
±2 kV
A
With external capacitor,
suggested part is CHEMI-CON KY 330µF/100V
Surge
EN61000-4-5
±1 kV
A
With external capacitor,
suggested part is CHEMI-CON KY 330µF/100V
Conducted
EN61000-4-6
10 V rms
A
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1
Information Technology
UL
UL/cUL60950-1
Information Technology
17
8
16
10
9
BottomView
0.94 (23.8)
0.60 (15.24)
0.12
(3.0)
0.10
(2.54)
ø0.02 (0.5)
0
0.15
(3.8)
0
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
7
No Connection
No Connection
8
No Connection
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin


Similar Part No. - JSE0848S24

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JSE-102M-2040 HUAXINAN-JSE-102M-2040 Datasheet
511Kb / 5P
   Surge Absorbers
JSE-102M-2643 HUAXINAN-JSE-102M-2643 Datasheet
582Kb / 5P
   Surge Absorbers
JSE-102M-2667 HUAXINAN-JSE-102M-2667 Datasheet
503Kb / 6P
   Surge Absorbers
JSE-102M-3143 HUAXINAN-JSE-102M-3143 Datasheet
465Kb / 5P
   Surge Absorbers
JSE-102M-3167 HUAXINAN-JSE-102M-3167 Datasheet
599Kb / 6P
   Surge Absorbers
More results

Similar Description - JSE0848S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com