Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81381 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP81381
Description  Integrated Driver and MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81381 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP81381 Datasheet HTML 7Page - ON Semiconductor NCP81381 Datasheet HTML 8Page - ON Semiconductor NCP81381 Datasheet HTML 9Page - ON Semiconductor NCP81381 Datasheet HTML 10Page - ON Semiconductor NCP81381 Datasheet HTML 11Page - ON Semiconductor NCP81381 Datasheet HTML 12Page - ON Semiconductor NCP81381 Datasheet HTML 13Page - ON Semiconductor NCP81381 Datasheet HTML 14Page - ON Semiconductor NCP81381 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP81381
www.onsemi.com
11
For Use with Controllers with 3−State PWM and No Zero Current Detection Capability:
Table 3. LOGIC TABLE − 3−STATE PWM CONTROLLERS WITH NO ZCD
PWM
SMOD#
ZCD_EN
GH
GL
H
H
H
ON
OFF
M
H
H
OFF
ZCD
L
H
H
OFF
ON
This section describes operation with controllers that are
capable of 3 states in their PWM output and relies on the
NCP81381 to conduct zero current detection during
discontinuous conduction mode (DCM).
The SMOD# pin needs to either be set to 5 V or left
disconnected. The NCP81381 has an internal pull−up
resistor that connects to VCC that sets SMOD# to the logic
high state if this pin is disconnected.
The ZCD_EN pin needs to either be set to 5 V or left
disconnected. The NCP81381 has an internal pull−up
resistor connected to VCC that will set ZCD_EN to the logic
high state if this pin is left disconnected.
To operate the buck converter in continuous conduction
mode (CCM), PWM needs to switch between the logic high
and low states. To enter into DCM, PWM needs to be
switched to the mid−state.
Whenever PWM transitions to mid−state, GH turns off
and GL turns on. GL stays on for the duration of the
de−bounce timer and ZCD blanking timers. Once these
timers expire, the NCP81381 monitors the SW voltage and
turns GL off when SW exceeds the ZCD threshold voltage.
By turning off the LS FET, the body diode of the LS FET
allows any positive current to go to zero but prevents
negative current from conducting.
Figure 9. Timing Diagram − 3−state PWM Controller, No ZCD


Similar Part No. - NCP81381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP81382MNTXG ONSEMI-NCP81382MNTXG Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
More results

Similar Description - NCP81381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
NCP252161 ONSEMI-NCP252161 Datasheet
921Kb / 18P
   Integrated Driver and MOSFET
February, 2023 - Rev. 2
NCP81391 ONSEMI-NCP81391 Datasheet
760Kb / 13P
   Integrated Driver and MOSFET
August, 2017 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com