Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5623C Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5623C
Description  Triple Output I2C Controlled RGB LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623C Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5623C Datasheet HTML 3Page - ON Semiconductor NCP5623C Datasheet HTML 4Page - ON Semiconductor NCP5623C Datasheet HTML 5Page - ON Semiconductor NCP5623C Datasheet HTML 6Page - ON Semiconductor NCP5623C Datasheet HTML 7Page - ON Semiconductor NCP5623C Datasheet HTML 8Page - ON Semiconductor NCP5623C Datasheet HTML 9Page - ON Semiconductor NCP5623C Datasheet HTML 10Page - ON Semiconductor NCP5623C Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCP5623C
http://onsemi.com
7
DC/DC OPERATION
The converter is based on a charge pump technique to
generate a DC voltage capable to supply the RGB LED load.
The system regulates the current flowing into each LED, not
the DC Vout value, by means of internal current mirrors
associated with the diodes.
Consequently, Vout = Vbat * Mode, with Mode = 1 or
Mode = 2, the extra voltage Vout − Vf being sustained by the
current mirror structure.
The average forward current of each LED can be
independently programmed (by means of the associated
PWM ) to achieve the RGB function. The maximum LED
current, setup by the external bias resistor connected across
IREF pin and Ground, is associated to the digital content of
the I2C register (see Table 1). This peak current applies to the
three LED simultaneously, but, thanks to the RGB function,
the average output current of each LED is controlled by the
independent
PWM
controllers.
Consequently, the
luminosity of each RGB diode can be independently
adjusted to cope with a given illumination need. Since the
peak current is constant, the color of the RGB diodes is the
one defined by the specifications of each individual LED.
The built−in OVP circuit continuously monitors the Vout
voltage and stops the converter when the voltage is above
5.7 V. The converter resumes to normal operation when the
voltage drops below 4.4 V (no latch−up mechanism).
Consequently, the chip can operate under no load conditions
during any test procedures.
LOAD CURRENT CALCULATION
The load current is derived from the 600 mV reference
voltage provided by the internal Band Gap associated to the
external resistor connected across IREF pin and Ground.
Note : due to the internal structure of this pin, no voltage,
either downward or upward, shall be forced at the IREF pin.
The reference current is multiplied by the constant
k = 2400 to yield the output load current. Since the reference
voltage is based on a temperature compensated Band Gap,
a tight tolerance resistor will provide a very accurate load
current. The resistor is calculated from the Ohm’s law (Rbias
= Vref/IREF) and a more practical equation can be arranged
to define the resistor value for a given maximum output
current:
Rbias = (Vref*k)/Iout
[ 1 ]
Rbias = (0.6*2400)/Iout
Rbias = 1440/Iout
[ 2 ]
Since the Iref to ILED ratio is very high, it is strongly
recommended to set up the reference current at 12.5
mA to
optimize the tolerance of the output current. Although it is
possible to use higher or lower value, as defined in the
analog section, a 48 k
W / 1% resistor will provide the best
compromise, the dimming being performed by the
appropriate PWM registers.
On the other hand, care must be observed to avoid leakage
current flowing into either the IREF pin of the bias resistor
network.
Finally, for any desired ILED current, the curve provided
Figure 4 can be recalculated according to the equation:
ILED + IREF @ k
31 * n
(eq. 1)
ILED +
Vref
R @ 2400
31 * n
(eq. 2)
with: n = step value @ 1
≤ n ≤ 31
with: R = reference resistance
with: k = internal multiplier constant = 2400
Note: n = 0 forces ILED to zero
with: n = 30 and n = 31 yields the same LED current
LOAD CONNECTION
The primary function of the NCP5623C is to control three
LED arranged in the RGB color structure (reference
OSRAM LATB G66x). The brightness of each LED is
independently controlled by a set of dedicated PWM
structure embedded into the silicon chip. The peak current,
identical for each LED, is programmable by means of the
I2C data byte. With 32 steps per PWM, the chip provides
32768 colors hue in a standard display.
Moreover, a built−in gradual dimming provides a smooth
brightness transition for any current level, in both Upward
and Downward direction. The dimming function is
controlled by the I2C interface: see Table 2.
The NCP5623C chip is capable to drive the three LED
simultaneously, as depicted in Figure 1, but the load can be
arranged to accommodate several LED if necessary in the
application. Finally, the three current mirrors can be
connected in parallel to drive a single power full LED, thus
yielding 90 mA current capability in a single LED.
I2C PROTOCOL
The NCP5623C is programmed by means of the standard
I2C protocol controlled by an external MCU. The
communication takes place with two serial bytes sharing the
same I2C frame:
− Byte#1
³ physical I2C address
− Byte#2
³ Selected internal registers & function


Similar Part No. - NCP5623C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
More results

Similar Description - NCP5623C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com