Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5369 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5369
Description  Integrated Driver and MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5369 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5369 Datasheet HTML 1Page - ON Semiconductor NCP5369 Datasheet HTML 2Page - ON Semiconductor NCP5369 Datasheet HTML 3Page - ON Semiconductor NCP5369 Datasheet HTML 4Page - ON Semiconductor NCP5369 Datasheet HTML 5Page - ON Semiconductor NCP5369 Datasheet HTML 6Page - ON Semiconductor NCP5369 Datasheet HTML 7Page - ON Semiconductor NCP5369 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP5369
www.onsemi.com
3
CGND
FLAG41
VIN
FLAG42
VSWH
FLAG43
40
31
32
33
34
35
36
37
38
39
11
20
19
18
17
16
15
14
13
12
PWM
DISB#
CGND
THWN
GL
VSWH
VSWH
VSWH
VSWH
VSWH
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
Figure 3. Pin Connections (Top View)
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
ZCD_EN#
Enable Zero Current Detection
2
VCIN
Control Input Voltage
3, 8
NC
No Connect
4
BOOT
Bootstrap Voltage
5, 37, FLAG 41
CGND
Control Signal Ground
6
GH
High Side FET Gate Access
7
PHASE
Provides a return path for the high side driver of the internal IC. Place a high frequency ceram-
ic capacitor of 0.1 uF to 1.0 uF from this pin to BOOT pin.
9−14, FLAG 42
VIN
Input Voltage
15, 29−35,
FLAG 43
VSWH
Switch Node Output
16−28
PGND
Power Ground
36
GL
Low Side FET Gate Access
38
THWN
Thermal Warning
39
DISB#
Output Disable Pin
40
PWM
PWM Drive Logic


Similar Part No. - NCP5369

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5369 ONSEMI-NCP5369 Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP5369MNTWG ONSEMI-NCP5369MNTWG Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP5369N ONSEMI-NCP5369N Datasheet
184Kb / 8P
   Integrated Driver and MOSFET
August, 2014 - Rev. 6
NCP5369NMNTXG ONSEMI-NCP5369NMNTXG Datasheet
184Kb / 8P
   Integrated Driver and MOSFET
August, 2014 - Rev. 6
More results

Similar Description - NCP5369

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
NCP252161 ONSEMI-NCP252161 Datasheet
921Kb / 18P
   Integrated Driver and MOSFET
February, 2023 - Rev. 2
NCP81391 ONSEMI-NCP81391 Datasheet
760Kb / 13P
   Integrated Driver and MOSFET
August, 2017 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com