Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHL0212D12 Datasheet(PDF) 3 Page - XP Power Limited

Part # IHL0212D12
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IHL0212D12 Datasheet(HTML) 3 Page - XP Power Limited

  IHL0212D12 Datasheet HTML 1Page - XP Power Limited IHL0212D12 Datasheet HTML 2Page - XP Power Limited IHL0212D12 Datasheet HTML 3Page - XP Power Limited IHL0212D12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
IHL02 Series
www.xppower.com
DC-DC Converter
3
Mechanical Details
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
±6/±8 kV
A
Contact/Air Discharge
Radiated Immunity
EN61000-4-3
10 Vrms
A
EFT/Burst
EN61000-4-4
2 kV
A
External components required,
see application notes
Conducted Immunity
EN61000-4-6
10 V rms
A
magnetic Fields
EN61000-4-8
1 A/m
A
Printed
Face
0.28
(7.2)
0.39
(10.0)
0.02
(0.5)
0.02
(0.5)
0.02
(0.5)
0.01
(0.25)
0.08
(2.0)
0.12
(3.0)
0.37
(9.5)
0.08
(2.13)
0.08
(2.13)
0.10 (2.54)
0.60 (15.24)
0.76 (19.5)
0.28
(7.2)
1. All dimensions are in inches (mm)
2. Weight: 0.006 lbs (2.7 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55032
Class B
See Application Note
Radiated
EN55032
Class B
Environmental
Characteristic
Minimum
Typical
maximum
Units
Notes & Conditions
Operating Temperature
-40
+95
°C
Derate Linearly from 100% at 65 °C to no load at 95 °C
Storage Temperature
-40
+125
°C
Case Temperature
+100
°C
Humidity
2.5
95
%RH
Non-condensing
Cooling
Natural convection


Similar Part No. - IHL0212D12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
IHLD-3232HB-5A VISHAY-IHLD-3232HB-5A Datasheet
234Kb / 4P
   Low Profile, High Current Dual Inductors
Revision: 18-Dec-15
IHLD-3232HB-5A VISHAY-IHLD-3232HB-5A Datasheet
242Kb / 4P
   Low Profile, High Current Dual Inductors
Revision: 20-Oct-17
More results

Similar Description - IHL0212D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com