Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P20P Datasheet(PDF) 2 Page - XP Power Limited

Part # P20P
Description  LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

P20P Datasheet(HTML) 2 Page - XP Power Limited

  P20P Datasheet HTML 1Page - XP Power Limited P20P Datasheet HTML 2Page - XP Power Limited P20P Datasheet HTML 3Page - XP Power Limited P20P Datasheet HTML 4Page - XP Power Limited P20P Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WWW.XPPOWER.COM
ELECTRICAL SPECIFICATIONS
The P Series of micro-power DC to HV DC converters offers a programmable
0 to 1200 V or 0 to 2000 V DC output in a miniature, lightweight, PC mount
package. Positive and negative outputs are available. The output voltage is
linear to the programming voltage, from turn on to maximum output voltage,
enabling easy low voltage control of the high voltage. A precision on-board
voltage reference allows for simple configuration for full scale, fixed or variable
output. Voltage monitoring is provided at a 1000:1 ratio.
Ripple voltage less than 100 microvolts and extremely low EMI/RFI make
this product ideal for integration into noise sensitive equipment. The P Series
features a unique inductor/transformer-less design, grounded case and draws
less than 4mA at full output.
The new P Series leverages EMCO’s Best-in-Class long term reliability,
utilizing proven DC to high voltage DC conversion technology, perfected
by over four decades of high voltage design and experience in the most
demanding applications. Our extensive in house capabilities enable us to meet
specific customer requirements with standard, modified and custom solutions
quickly, easily and economically. Technical assistance is readily available
DETAILED PRODUCT DESCRIPTION
PARAMETER
VALUE
INPUT VOLTAGE
5 VDC to 12 VDC
INPUT CURRENT*7
1200 V Models: < 2.1mA No Load < 3.3mA Full Load
2000 V Models: < 2.6mA No Load < 3.6mA Full Load
INPUT CAPACITANCE
~1.0µF
RESPONSE TIME*5
900ms (Typical)
TURN-ON TIME*6
1200V Models: 10s (Typical)
2000V Models: 15s (Typical)
OUTPUT VOLTAGE TOLERANCE
1200V Models: +/-1% at full scale
2000V Models: +/-1% at full scale
OPERATING TEMPERATURE
-10° to 70°C Standard (Case)
-40° to 85°C Extended (Case)
STORAGE TEMPERATURE
-55° to 105°C
RIPPLE
< 100µV peak to peak at full output
STANDBY CURRENT (0 OUTPUT VOLTAGE)
< 300µA
TEMPCO
+/-250 ppm/°C (Typical)*8
FREQUENCY
24kHz +/-10%
6707F01
PAGE 2
P SERIES


Similar Part No. - P20P

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P20PG-1205E2:1LF PEAK-P20PG-1205E2:1LF Datasheet
172Kb / 4P
   2:1 Wide Input
P20PG-1205Z2:1LF PEAK-P20PG-1205Z2:1LF Datasheet
172Kb / 4P
   2:1 Wide Input
P20PG-1209E2:1LF PEAK-P20PG-1209E2:1LF Datasheet
172Kb / 4P
   2:1 Wide Input
P20PG-1209Z2:1LF PEAK-P20PG-1209Z2:1LF Datasheet
172Kb / 4P
   2:1 Wide Input
P20PG-1212E2:1LF PEAK-P20PG-1212E2:1LF Datasheet
172Kb / 4P
   2:1 Wide Input
More results

Similar Description - P20P

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
logo
Linear Technology
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com