Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSK5024S24 Datasheet(PDF) 1 Page - XP Power Limited

Part # JSK5024S24
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JSK5024S24 Datasheet(HTML) 1 Page - XP Power Limited

  JSK5024S24 Datasheet HTML 1Page - XP Power Limited JSK5024S24 Datasheet HTML 2Page - XP Power Limited JSK5024S24 Datasheet HTML 3Page - XP Power Limited JSK5024S24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JSK50 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Notes
1. Input currents measured at nominal input voltage.
2. Input current is typically 2.5 mA at nominal input voltage
when output is turned off using remote on/off.
3. Maximum capacitive load is per output.
4. Add suffix “-HK” for optional heatsink.
• Regulated Single Output
• 2:1 Input Range
• 2” x 1” Package
• 1500 VDC Isolation
• Operating Temperature -40 °C to +105 °C
• ITE Safety Approvals
• Remote On/Off
• High Power Density
• Optional Heatsink
• Six-sided Metal Case
• 3 Year Warranty
Dimensions:
JSK50:
2.00 x 1.00 x 0.43” (50.8 x 25.4 x 11.0 mm)
50 Watts
Models & Ratings
Input voltage
Output voltage
Output current
Input current(1,2)
Overvoltage
Protection
Maximum
capacitive load(3)
Efficiency
Model number(4)
No load
Full load
9-18V
3V3
10.00 A
85 mA
3.09 A
3.9 V
25800 µF
89%
JSK5012S3V3
5 V
10.00 A
110 mA
4.63 A
6.2 V
17000 µF
90%
JSK5012S05
12 V
4.17 A
160 mA
4.58 A
15.0 V
2900 µF
91%
JSK5012S12
15 V
3.33 A
160 mA
4.58 A
18.0 V
1900 µF
91%
JSK5012S15
24 V
2.08 A
250 mA
4.57 A
30 V
750 µF
91%
JSK5012S24
18-36V
3V3
10.00 A
50 mA
1.55 A
3.9 V
25800 µF
89%
JSK5024S3V3
5 V
10.00 A
70 mA
2.26 A
6.2 V
17000 µF
92%
JSK5024S05
12 V
4.17 A
85 mA
2.26 A
15.0 V
2900 µF
92%
JSK5024S12
15 V
3.33 A
85 mA
2.26 A
18.0 V
1900 µF
92%
JSK5024S15
24 V
2.08 A
110 mA
2.29 A
30 V
750 µF
91%
JSK5024S24
36-75V
3V3
10.00 A
35 mA
0.77 A
3.9 V
25800 µF
89%
JSK5048S3V3
5 V
10.00 A
45 mA
1.13 A
6.2 V
17000 µF
92%
JSK5048S05
12 V
4.17 A
50 mA
1.13 A
15.0 V
2900 µF
92%
JSK5048S12
15 V
3.33 A
50 mA
1.13 A
18.0 V
1900 µF
92%
JSK5048S15
24 V
2.08 A
60 mA
1.15 A
30 V
750 µF
91%
JSK5048S24
1.00 (25.4)
0.40
(10.16)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
0.43
(11.0)
0.71 max
(18.0) max
0.22
(5.5)
0.07
(1.85)
0.20
(5.08)
0.20
(5.08)
Bottom View
1.22 (31.0) Max
6
54
1
2
3
Heat-sink
Thermal pad
Clamp
Converter
1. All dimensions are in inches (mm)
2. Weight: 0.066 lbs (30.0g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Pin Connections
Pin
Single
1
+Vin
2
-Vin
3
Remote On/Off
4
+Vout
5
-Vout
6
Trim
Mechanical Details


Similar Description - JSK5024S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com